Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFRU4105 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFRU4105
Description  Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=27A??
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFRU4105 Datasheet(HTML) 2 Page - International Rectifier

  IRFRU4105 Datasheet HTML 1Page - International Rectifier IRFRU4105 Datasheet HTML 2Page - International Rectifier IRFRU4105 Datasheet HTML 3Page - International Rectifier IRFRU4105 Datasheet HTML 4Page - International Rectifier IRFRU4105 Datasheet HTML 5Page - International Rectifier IRFRU4105 Datasheet HTML 6Page - International Rectifier IRFRU4105 Datasheet HTML 7Page - International Rectifier IRFRU4105 Datasheet HTML 8Page - International Rectifier IRFRU4105 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFR/U4105
2
www.irf.com
Parameter
Min.
Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.052 –––
V/°C
Reference to 25°C, ID = 1mA
–––
––– 0.045
VGS = 10V, ID = 16A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
6.5
–––
–––
S
VDS = 25V, ID = 16A
‡
–––
–––
25
µA
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
Qg
Total Gate Charge
–––
–––
34
ID = 16A
Qgs
Gate-to-Source Charge
–––
–––
6.8
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
14
VGS = 10V, See Fig. 6 and 13
„‡
td(on)
Turn-On Delay Time
–––
7.0
–––
VDD = 28V
tr
Rise Time
–––
49
–––
ns
ID = 16A
td(off)
Turn-Off Delay Time
–––
31
–––
RG = 18Ω
tf
Fall Time
–––
40
–––
RD = 1.8Ω, See Fig. 10
„‡
Between lead,
6mm (0.25in.)
from package
and center of die contact
†
Ciss
Input Capacitance
–––
700
–––
VGS = 0V
Coss
Output Capacitance
–––
240
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
100
–––
ƒ = 1.0MHz, See Fig. 5
‡
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
nH
IGSS
S
D
G
LS
Internal Source Inductance
–––
7.5
–––
RDS(on)
Static Drain-to-Source On-Resistance
LD
Internal Drain Inductance
–––
4.5
–––
IDSS
Drain-to-Source Leakage Current
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
‡
–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.6
V
TJ = 25°C, IS = 16A, VGS = 0V
„
trr
Reverse Recovery Time
–––
57
86
ns
TJ = 25°C, IF = 16A
Qrr
Reverse RecoveryCharge
–––
130
200
nC
di/dt = 100A/µs
„‡
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
A
27
…
100
Notes:
‚ V
DD = 25V, starting TJ = 25°C, L = 410µH
RG = 25Ω, IAS = 16A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
** When mounted on 1" square PCB (FR-4 or G-10 Material ) .
For recommended footprint and soldering techniques refer to application note #AN-994
ƒ I
SD ≤ 16A, di/dt ≤ 420A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
† This is applied for I-PAK, Ls of D-PAK is measured between lead and
center of die contact
‡ Uses IRFZ34N data and test conditions
… Calculated continuous current based on maximum allowable junction
temperature; Package limitation current = 20A
„ Pulse width ≤ 300µs; duty cycle ≤ 2%


Similar Part No. - IRFRU4105

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFRU024N IRF-IRFRU024N Datasheet
178Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=17A??
logo
Fairchild Semiconductor
IRFRU110A FAIRCHILD-IRFRU110A Datasheet
255Kb / 7P
   Advanced Power MOSFET
logo
International Rectifier
IRFRU1205 IRF-IRFRU1205 Datasheet
144Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.027ohm, Id=44A??
logo
Fairchild Semiconductor
IRFRU120A FAIRCHILD-IRFRU120A Datasheet
256Kb / 7P
   Advanced Power MOSFET
IRFRU120A FAIRCHILD-IRFRU120A Datasheet
258Kb / 7P
   Advanced Power MOSFET
More results

Similar Description - IRFRU4105

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFL4105 IRF-IRFL4105 Datasheet
168Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A)
IRFB41N15D IRF-IRFB41N15D Datasheet
193Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com