Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFRU9310 Datasheet(PDF) 10 Page - International Rectifier

Part # IRFRU9310
Description  Power MOSFET(Vdss=-400V, Rds(on)=7.0ohm, Id=-1.8A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFRU9310 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRFRU9310 Datasheet HTML 2Page - International Rectifier IRFRU9310 Datasheet HTML 3Page - International Rectifier IRFRU9310 Datasheet HTML 4Page - International Rectifier IRFRU9310 Datasheet HTML 5Page - International Rectifier IRFRU9310 Datasheet HTML 6Page - International Rectifier IRFRU9310 Datasheet HTML 7Page - International Rectifier IRFRU9310 Datasheet HTML 8Page - International Rectifier IRFRU9310 Datasheet HTML 9Page - International Rectifier IRFRU9310 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRFR/U9310
Tape & Reel Information
TO-252AA
TR
16 .3 ( .64 1 )
15 .7 ( .61 9 )
8.1 ( .318 )
7.9 ( .312 )
12.1 ( .4 76 )
11.9 ( .4 69 )
F E E D DIRE C TIO N
F E E D DIRE C TIO N
16.3 ( .641 )
15.7 ( .619 )
TR R
TR L
N O T ES :
1 . CO NT RO LL IN G DIM E NS IO N : M IL LIM E T E R .
2 . A L L DIM E NS IO NS A R E S H O W N IN M IL L IM E T E RS ( IN CHE S ).
3. O U T L IN E C O N FO R MS TO E IA - 481 & E IA - 541.
NO T E S :
1. O U T L IN E C O N F O R M S T O E IA - 481.
16 m m
13 IN C H
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
7/97


Similar Part No. - IRFRU9310

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFRU9024N IRF-IRFRU9024N Datasheet
117Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
IRFRU9120N IRF-IRFRU9120N Datasheet
117Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A)
logo
Kersemi Electronic Co.,...
IRFRU9120N KERSEMI-IRFRU9120N Datasheet
1Mb / 10P
   Power MOSFET
IRFRU9120N KERSEMI-IRFRU9120N Datasheet
1Mb / 10P
   Power MOSFET
logo
Lucky Light Electronic
IRFRU9120N LUCKY-LIGHT-IRFRU9120N_15 Datasheet
1Mb / 10P
   Power MOSFET
More results

Similar Description - IRFRU9310

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRF9610S IRF-IRF9610S Datasheet
163Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
IRFBE20 IRF-IRFBE20 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.8A)
IRFR1N60A IRF-IRFR1N60A Datasheet
227Kb / 9P
   Power MOSFET(Vdss=600V, Rds(on)max=7.0ohm, Id=1.4A)
IRF9610 IRF-IRF9610 Datasheet
161Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
IRC740 IRF-IRC740 Datasheet
221Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A)
IRFD320 IRF-IRFD320 Datasheet
478Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
IRFI740GLC IRF-IRFI740GLC Datasheet
221Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A)
IRFP350LC IRF-IRFP350LC Datasheet
333Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFI720G IRF-IRFI720G Datasheet
170Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com