Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR9310 Datasheet(PDF) 7 Page - International Rectifier

Part # IRFR9310
Description  Power MOSFET(Vdss=-400V, Rds(on)=7.0ohm, Id=-1.8A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR9310 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRFR9310 Datasheet HTML 2Page - International Rectifier IRFR9310 Datasheet HTML 3Page - International Rectifier IRFR9310 Datasheet HTML 4Page - International Rectifier IRFR9310 Datasheet HTML 5Page - International Rectifier IRFR9310 Datasheet HTML 6Page - International Rectifier IRFR9310 Datasheet HTML 7Page - International Rectifier IRFR9310 Datasheet HTML 8Page - International Rectifier IRFR9310 Datasheet HTML 9Page - International Rectifier IRFR9310 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRFR/U9310
Peak Diode Recovery dv/dt Test Circuit
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
*
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

* Reverse Polarity of D.U.T for P-Channel
VGS
[
]
[
]
*** VGS = 5.0V for Logic Level and 3V Drive Devices
[
] ***
Fig 14. For P-Channel HEXFETS


Similar Part No. - IRFR9310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFR9310 VISHAY-IRFR9310 Datasheet
832Kb / 8P
   Power MOSFET
S-81378-Rev. A, 07-Jul-08
logo
Kersemi Electronic Co.,...
IRFR9310 KERSEMI-IRFR9310 Datasheet
3Mb / 7P
   Power MOSFET
IRFR9310 KERSEMI-IRFR9310 Datasheet
3Mb / 7P
   Power MOSFET
IRFR9310 KERSEMI-IRFR9310 Datasheet
3Mb / 7P
   Power MOSFET
logo
Vishay Siliconix
IRFR9310 VISHAY-IRFR9310 Datasheet
247Kb / 11P
   Power MOSFET
Rev. D, 04-Feb-13
More results

Similar Description - IRFR9310

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRF9610S IRF-IRF9610S Datasheet
163Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
IRFBE20 IRF-IRFBE20 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.8A)
IRFR1N60A IRF-IRFR1N60A Datasheet
227Kb / 9P
   Power MOSFET(Vdss=600V, Rds(on)max=7.0ohm, Id=1.4A)
IRF9610 IRF-IRF9610 Datasheet
161Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
IRC740 IRF-IRC740 Datasheet
221Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A)
IRFD320 IRF-IRFD320 Datasheet
478Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
IRFI740GLC IRF-IRFI740GLC Datasheet
221Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A)
IRFP350LC IRF-IRFP350LC Datasheet
333Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFI720G IRF-IRFI720G Datasheet
170Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com