Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1GT14A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LV1GT14A
Description  Inverter with Schmitt-trigger Input /
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GT14A Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74LV1GT14A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV1GT14A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GT14A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GT14A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GT14A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GT14A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GT14A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV1GT14A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV1GT14A_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD74LV1GT14A
REJ03D0119-0700 Rev.7.00, Mar 21, 2008
Page 4 of 6
Electrical Characteristic
• Ta = –40 to 85°C
Item
Symbol
VCC (V) *
Min
Typ
Max
Unit
Test condition
3.0
1.5
3.6
1.6
4.5
1.9
VT
+
5.5
2.1
3.0
0.3
3.6
0.4
4.5
0.5
VT
5.5
0.6
3.0
0.3
1.2
3.6
0.3
1.3
4.5
0.4
1.4
Input voltage
∆VT
5.5
0.4
1.5
V
Min to Max
VCC–0.1
IOH = –50
µA
3.0
2.48
IOH = –6 mA
VOH
4.5
3.8
IOH = –12 mA
Min to Max
0.1
IOL = 50
µA
3.0
0.44
IOL = 6 mA
Output voltage
VOL
4.5
0.55
V
IOL = 12 mA
Input current
IIN
0 to 5.5
±1
µA
VIN = 5.5 V or GND
ICC
5.5
10
µA
VIN = VCC or GND,
IO = 0
Quiescent
supply current
∆ICC
5.5
1.5
mA
One input VIN = 3.4 V,
other input VCC or GND
Output leakage current
IOFF
0
5
µA
VIN or VO = 0 to 5.5 V
Input capacitance
CIN
5.0
3.0
pF
VIN = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.
Switching Characteristics
• V
CC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
7.5
12.5
1.0
14.5
CL = 15 pF
Propagation
delay time
tPLH
tPHL
10.0
15.0
1.0
17.0
ns
CL = 50 pF
A or B
Y
• V
CC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
5.0
7.6
1.0
9.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
6.5
9.6
1.0
11.0
ns
CL = 50 pF
A
Y
Operating Characteristics
• C
L = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
Power dissipation
capacitance
CPD
5.0
10.0
pF
f = 10 MHz


Similar Part No. - HD74LV1GT14A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GT14ACME RENESAS-HD74LV1GT14ACME Datasheet
103Kb / 7P
   Inverter with Schmitt-trigger Input / CMOS Logic Level Shifter
HD74LV1GT14AVSE RENESAS-HD74LV1GT14AVSE Datasheet
103Kb / 7P
   Inverter with Schmitt-trigger Input / CMOS Logic Level Shifter
More results

Similar Description - HD74LV1GT14A_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G14 ONSEMI-MC74HC1G14 Datasheet
79Kb / 6P
   Inverter with Schmitt-Trigger Input
August, 2005 ??Rev. 10
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
   Inverter with Schmitt-trigger Input
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
   Inverter with Schmitt-trigger Input
logo
Renesas Technology Corp
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
HD74HCT1G14 RENESAS-HD74HCT1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
logo
ON Semiconductor
NC7SZ14 ONSEMI-NC7SZ14 Datasheet
592Kb / 10P
   UHS Inverter with Schmitt Trigger Input
October-2017, Rev. 2
MC74HC1G14 ONSEMI-MC74HC1G14_18 Datasheet
172Kb / 9P
   Single Inverter with Schmitt-Trigger Input
November, 2018 ??Rev. 13
logo
Fairchild Semiconductor
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
   Hex Inverter with Schmitt Trigger Input
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com