Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1GT14AVSE Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LV1GT14AVSE
Description  Inverter with Schmitt-trigger Input /
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GT14AVSE Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LV1GT14AVSE Datasheet HTML 1Page - Renesas Technology Corp HD74LV1GT14AVSE Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GT14AVSE Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GT14AVSE Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GT14AVSE Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GT14AVSE Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GT14AVSE Datasheet HTML 7Page - Renesas Technology Corp HD74LV1GT14AVSE Datasheet HTML 8Page - Renesas Technology Corp HD74LV1GT14AVSE Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
REJ03D0119-0700 Rev.7.00, Mar 21, 2008
Page 1 of 6
HD74LV1GT14A
Inverter with Schmitt-trigger Input /
CMOS Logic Level Shifter
REJ03D0119-0700
Rev.7.00
Mar 21, 2008
Description
The HD74LV1GT14A is high-speed CMOS schmitt-trigger inverter using silicon gate CMOS process. With CMOS
low power dissipation, it provides high-speed equivalent to LS–TTL series. The internal circuit of three stages
construction with buffer provides wide noise margin and stable output. The input protection circuitry on this device
allows over voltage tolerance on the input, allowing the device to be used as a logic–level translator from 3.0 V CMOS
Logic to 5.0 V CMOS Logic or from 1.8 V CMOS logic to 3.0 V CMOS Logic while operating at the high-voltage
power supply. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook
computers), and the low power consumption extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• TTL compatible input level.
Supply voltage range : 3.0 to 5.5 V
Operating temperature range : –40 to +85°C
• Logic-level translate function
3.0 V CMOS logic
→ 5.0 V CMOS logic (@V
CC = 5.0 V)
1.8 V or 2.5 V CMOS logic
→ 3.3 V CMOS logic (@V
CC = 3.3 V)
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• All the logical input has hysteresis voltage for the slow transition.
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LV1GT14ACME
CMPAK–5 pin
PTSP0005ZC-A
(CMPAK-5V)
CM
E (3000 pcs/reel)
HD74LV1GT14AVSE
VSON–5 pin
PUSN0005KA-A
(TNP-5DV)
VS
E (3000 pcs/reel)
Note:
Please consult the sales office for the above package availability.


Similar Part No. - HD74LV1GT14AVSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GT14AVSE RENESAS-HD74LV1GT14AVSE Datasheet
103Kb / 7P
   Inverter with Schmitt-trigger Input / CMOS Logic Level Shifter
More results

Similar Description - HD74LV1GT14AVSE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G14 ONSEMI-MC74HC1G14 Datasheet
79Kb / 6P
   Inverter with Schmitt-Trigger Input
August, 2005 ??Rev. 10
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
   Inverter with Schmitt-trigger Input
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
   Inverter with Schmitt-trigger Input
logo
Renesas Technology Corp
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
HD74HCT1G14 RENESAS-HD74HCT1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
logo
ON Semiconductor
NC7SZ14 ONSEMI-NC7SZ14 Datasheet
592Kb / 10P
   UHS Inverter with Schmitt Trigger Input
October-2017, Rev. 2
MC74HC1G14 ONSEMI-MC74HC1G14_18 Datasheet
172Kb / 9P
   Single Inverter with Schmitt-Trigger Input
November, 2018 ??Rev. 13
logo
Fairchild Semiconductor
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
   Hex Inverter with Schmitt Trigger Input
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com