Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV07ATELL Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74LV07ATELL
Description  Hex Buffers / Drivers with Open Drain Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV07ATELL Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74LV07ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74LV07ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LV07ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LV07ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LV07ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LV07ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LV07ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LV07ATELL Datasheet HTML 9Page - Renesas Technology Corp HD74LV07ATELL Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HD74LV07A
Rev.6.00 Dec 22, 2005 page 7 of 7
0.83
0.10
0.65
6.20
6.60
0.20
0.15
A1
5.30
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
1.10
0.6
0.5
0.4
4.40
0.10
0.07
0.03
0.25
0.20
0.15
0.10
6.40
0.13
1.0
5.00
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
e
L
A
Index mark
F
*1
*3
p
M
x
y
1
7
14
8
b
Z
D
p
Terminal cross section
( Ni/Pd/Au plating )
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"
*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
P-TSSOP14-4.4x5-0.65
0.05g
MASS[Typ.]
TTP-14DV
PTSP0014JA-B
RENESAS Code
JEITA Package Code
Previous Code


Similar Part No. - HD74LV07ATELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV07ATELL RENESAS-HD74LV07ATELL Datasheet
94Kb / 8P
   Hex Buffers / Drivers with Open Drain Outputs
More results

Similar Description - HD74LV07ATELL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC07A TI-SN74LVC07A Datasheet
685Kb / 19P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LVC07A TI-SN54LVC07A Datasheet
395Kb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A Datasheet
314Kb / 11P
[Old version datasheet]   HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
SN54LV07A_101 TI-SN54LV07A_101 Datasheet
462Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_10 Datasheet
463Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_06 Datasheet
316Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74LV07A HITACHI-HD74LV07A Datasheet
45Kb / 11P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A Datasheet
94Kb / 8P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN74LV07A TI1-SN74LV07A Datasheet
973Kb / 22P
[Old version datasheet]   Hex Buffers/Drivers With Open-Drain Outputs
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com