Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP700308-1 Datasheet(PDF) 1 Page - DB Unlimited.

Part # SP700308-1
Description  Released from Engineering
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBUNLIMITED [DB Unlimited.]
Direct Link  http://www.dbunlimitedco.com/
Logo DBUNLIMITED - DB Unlimited.

SP700308-1 Datasheet(HTML) 1 Page - DB Unlimited.

  SP700308-1 Datasheet HTML 1Page - DB Unlimited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
sales@dbunlimitedco.com | www.dbunlimitedco.com
©2014, DB Unlimited
Sheet
1 of 1
Unit
Version
Date
Approved
1
2/5/2014
J.S.
(Hz)
(Hz)
(dBA)
(Ohm)
(W)
(W)
Drawn by
Date
Checked by
Date
Approved by
Date
°C
G.W.
1/27/2014
C.E.
2/5/2014
J.S.
2/5/2014
°C
(g)
Mount Type
Max Power
Weight
48
-30 ~ +70
Flush Mount
-30 ~ +70
Insert Graphics
Storage Temperature
Revision History
Specifications
Frequency Range
SPL @ 10cm
Operating Temperature
SP700308-1
Dynamic Speaker
Shape
Description
Nominal Power
Cone Material
Resonant Frequency
Impedance
1) All dimensions are in mm unless otherwise noted
Value
Round
0.5
2) All parts meet RoHS
Paper
Description
Released from Engineering
Notes
8
104
350 ~ 8,000
350
0.8


Similar Part No. - SP700308-1

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP70001 SIPAT-SP70001 Datasheet
157Kb / 4P
   700MHz Low-loss SAW Filter 47MHz Bandwidth
logo
DB Unlimited.
SP700108-1 DBUNLIMITED-SP700108-1 Datasheet
555Kb / 1P
   Released from Engineering
SP700508-1 DBUNLIMITED-SP700508-1 Datasheet
711Kb / 1P
   Released from Engineering
More results

Similar Description - SP700308-1

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AT-1438-TWT-R PUI-AT-1438-TWT-R Datasheet
251Kb / 1P
   RELEASED FROM ENGINEERING
AT-1820-TWT-6V-R PUI-AT-1820-TWT-6V-R Datasheet
187Kb / 1P
   RELEASED FROM ENGINEERING
AB2720B-LW100-R PUI-AB2720B-LW100-R Datasheet
204Kb / 1P
   RELEASED FROM ENGINEERING
AB2734B-LW100-R PUI-AB2734B-LW100-R Datasheet
182Kb / 1P
   RELEASED FROM ENGINEERING
AOM-4546P-NF-R PUI-AOM-4546P-NF-R Datasheet
1Mb / 1P
   RELEASED FROM ENGINEERING
AI-1223-TWT-5V-2-R PUI-AI-1223-TWT-5V-2-R Datasheet
183Kb / 1P
   RELEASED FROM ENGINEERING
AI-1223-TWT-12V-R PUI-AI-1223-TWT-12V-R Datasheet
256Kb / 1P
   RELEASED FROM ENGINEERING
ASE02808MR-LW150-R PUI-ASE02808MR-LW150-R Datasheet
270Kb / 1P
   RELEASED FROM ENGINEERING
AI-2304-TF-LW120-R PUI-AI-2304-TF-LW120-R Datasheet
184Kb / 1P
   RELEASED FROM ENGINEERING
SMI-1324-TW-5V-R PUI-SMI-1324-TW-5V-R Datasheet
153Kb / 1P
   RELEASED FROM ENGINEERING
logo
DB Unlimited.
IE122303-1 DBUNLIMITED-IE122303-1 Datasheet
300Kb / 1P
   Released from Engineering
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com