Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC20KD-S Datasheet(PDF) 6 Page - International Rectifier

Part # IRG4BC20KD-S
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20KD-S Datasheet(HTML) 6 Page - International Rectifier

Back Button IRG4BC20KD-S Datasheet HTML 2Page - International Rectifier IRG4BC20KD-S Datasheet HTML 3Page - International Rectifier IRG4BC20KD-S Datasheet HTML 4Page - International Rectifier IRG4BC20KD-S Datasheet HTML 5Page - International Rectifier IRG4BC20KD-S Datasheet HTML 6Page - International Rectifier IRG4BC20KD-S Datasheet HTML 7Page - International Rectifier IRG4BC20KD-S Datasheet HTML 8Page - International Rectifier IRG4BC20KD-S Datasheet HTML 9Page - International Rectifier IRG4BC20KD-S Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRG4BC20KD-S
6
www.irf.com
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
1
10
100
1
10
100
1000

V
= 20V
T
= 125 C
GE
J
o
V
, Collector-to-Emitter Voltage (V)
CE

SAFE OPERATING AREA
Fig. 13 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
0.1
1
10
100
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
FM
Fo rwa rd V oltage D rop - V
(V )
T = 15 0°C
T = 12 5°C
T =
2 5°C
J
J
J
0
4
8
12
16
20
0.0
1.0
2.0
3.0
I
, Collector-to-emitter Current (A)
C

R
= Ohm
T
= 150 C
V
= 480V
V
= 15V
G
J
CC
GE
°
50


Similar Part No. - IRG4BC20KD-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20KD-SPBF IRF-IRG4BC20KD-SPBF Datasheet
364Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULRTAFAST SOFR RECOVERY DIODE
More results

Similar Description - IRG4BC20KD-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20KD IRF-IRG4BC20KD Datasheet
199Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
IRG4BC20K IRF-IRG4BC20K Datasheet
138Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
IRG4BC20KS IRF-IRG4BC20KS Datasheet
162Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
IRG4BC20FD-S IRF-IRG4BC20FD-S Datasheet
222Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC20FD IRF-IRG4BC20FD Datasheet
222Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC20F IRF-IRG4BC20F Datasheet
161Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
IRG4BC20UDS IRF-IRG4BC20UDS Datasheet
235Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC30UD IRF-IRG4BC30UD Datasheet
234Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4BC10UD IRF-IRG4BC10UD Datasheet
184Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com