Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC20MD-S Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4BC20MD-S
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=11A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20MD-S Datasheet(HTML) 1 Page - International Rectifier

  IRG4BC20MD-S Datasheet HTML 1Page - International Rectifier IRG4BC20MD-S Datasheet HTML 2Page - International Rectifier IRG4BC20MD-S Datasheet HTML 3Page - International Rectifier IRG4BC20MD-S Datasheet HTML 4Page - International Rectifier IRG4BC20MD-S Datasheet HTML 5Page - International Rectifier IRG4BC20MD-S Datasheet HTML 6Page - International Rectifier IRG4BC20MD-S Datasheet HTML 7Page - International Rectifier IRG4BC20MD-S Datasheet HTML 8Page - International Rectifier IRG4BC20MD-S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRG4BC20MD-S
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
Features
Features
Features
Features
Features
E
G
n-c hannel
C
VCES = 600V
VCE(on) typ. = 1.85V
@VGE = 15V, IC = 11A
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case - IGBT
------
------
2.1
RθJC
Junction-to-Case - Diode
------
------
2.5
°C/W
RθCS
Case-to-Sink, flat, greased surface
------
0.50
------
RθJA
Junction-to-Ambient, typical socket mount
-----
-----
80
Wt
Weight
------
2 (0.07)
------
g (oz)
Thermal Resistance
3/6/01
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
18
IC @ TC = 100°C
Continuous Collector Current
11
ICM
Pulsed Collector Current
Q
36
A
ILM
Clamped Inductive Load Current
R
36
IF @ TC = 100°C
Diode Continuous Forward Current
7.0
tsc
Short Circuit Withstand Time
10
µs
IFM
Diode Maximum Forward Current
36
A
VGE
Gate-to-Emitter Voltage
± 20
V
PD @ TC = 25°C
Maximum Power Dissipation
60
PD @ TC = 100°C
Maximum Power Dissipation
24
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw.
10 lbf•in (1.1 N•m)
• Rugged: 10µsec short circuit capable at VGS=15V
• Low VCE(on) for 4 to 10kHz applications
• IGBT Co-packaged with ultra-soft-recovery
antiparallel diode
• Industry standard D2Pak package
Benefits
• Offers highest efficiency and short circuit
capability for intermediate applications
• Provides best efficiency for the mid range frequency
(4 to 10kHz)
• Optimized for Appliance Motor Drives, Industrial (Short
Circuit Proof) Drives and Intermediate Frequency
Range Drives
• High noise immune "Positive Only" gate drive-
Negative bias gate drive not necessary
• For Low EMI designs- requires little or no snubbing
• Single Package switch for bridge circuit applications
• Compatible with high voltage Gate Driver IC's
• Allows simpler gate drive
PD -94116
W
www.irf.com
1
Short Circuit Rated
Fast IGBT
D2Pak


Similar Part No. - IRG4BC20MD-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20MD-S IRF-IRG4BC20MD-S Datasheet
298Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC20MD-SPBF IRF-IRG4BC20MD-SPBF Datasheet
298Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4BC20MD-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20MD IRF-IRG4BC20MD Datasheet
251Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=11A)
IRG4BC20UDS IRF-IRG4BC20UDS Datasheet
235Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC20UD IRF-IRG4BC20UD Datasheet
236Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
IRG4BC20FD-S IRF-IRG4BC20FD-S Datasheet
222Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC30UD IRF-IRG4BC30UD Datasheet
234Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4BC10UD IRF-IRG4BC10UD Datasheet
184Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4PC30KD IRF-IRG4PC30KD Datasheet
178Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC15MD IRF-IRG4BC15MD Datasheet
256Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.88V, @Vge=15V, Ic=8.6A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com