Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC30K-S Datasheet(PDF) 8 Page - International Rectifier

Part # IRG4BC30K-S
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30K-S Datasheet(HTML) 8 Page - International Rectifier

  IRG4BC30K-S Datasheet HTML 1Page - International Rectifier IRG4BC30K-S Datasheet HTML 2Page - International Rectifier IRG4BC30K-S Datasheet HTML 3Page - International Rectifier IRG4BC30K-S Datasheet HTML 4Page - International Rectifier IRG4BC30K-S Datasheet HTML 5Page - International Rectifier IRG4BC30K-S Datasheet HTML 6Page - International Rectifier IRG4BC30K-S Datasheet HTML 7Page - International Rectifier IRG4BC30K-S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRG4BC30K-S
8
www.irf.com
1 0 .16 ( .4 0 0 )
R E F .
6.47 ( .2 5 5 )
6.18 ( .2 4 3 )
2.61 ( .1 0 3 )
2.32 ( .0 9 1 )
8.8 9 ( .3 5 0 )
R E F .
- B -
1.32 (.0 5 2 )
1.22 (.0 4 8 )
2.79 (.1 1 0 )
2.29 (.0 9 0 )
1 .39 ( .055 )
1 .14 ( .045 )
5 .28 ( .2 0 8 )
4 .78 ( .1 8 8 )
4.69 (.1 8 5 )
4.20 (.1 6 5 )
10.5 4 (.4 1 5 )
10.2 9 (.4 0 5 )
- A -
2
1
3
15 .4 9 (.6 1 0 )
14 .7 3 (.5 8 0 )
3X
0.9 3 ( .0 3 7 )
0.6 9 ( .0 2 7 )
5.08 ( .2 0 0 )
3X
1.40 (.0 5 5 )
1.14 (.0 4 5 )
1.78 (.0 7 0 )
1.27 (.0 5 0 )
1.40 (.055 )
M A X .
NO T E S:
1 D IM E N S IO N S A F T E R S O L D E R D IP .
2 DIM E NSIO NIN G & T O L E R A NCING PE R A N S I Y1 4 .5 M , 1 9 8 2 .
3 C O N T R O L L IN G D IM E N S IO N : IN C H .
4 HE A T S IN K & L E A D DIM E NSIO NS D O NO T IN CL U D E B U RRS .
0.55 ( .0 2 2 )
0.46 ( .0 1 8 )
0.25 ( .0 1 0 )
M
B A M
MIN IMU M R E C O MM E N D E D F O O T P R IN T
11 .43 (.4 5 0 )
8.89 ( .3 5 0 )
17.7 8 ( .7 0 0 )
3.81 ( .150 )
2.0 8 ( .082 )
2 X
L E AD AS SIG N M E NT S
1 - G A T E
2 - D R A IN
3 - S O U R C E
2.5 4 (.1 0 0 )
2 X
D2Pak Package Outline
T Pulse width ≤ 80µs; duty factor ≤ 0.1%.
U Pulse width 5.0µs, single shot.
Notes:
Q Repetitive rating; V
GE = 20V, pulse width limited by
max. junction temperature. ( See fig. 13b )
R VCC = 80%(VCES), VGE = 20V, L = 10µH, RG = 23Ω,
(See fig. 13a)
S Repetitive rating; pulse width limited by maximum
junction temperature.
V When mounted on 1" square PCB (FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer
to application note #AN-994.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice. 10/00


Similar Part No. - IRG4BC30K-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30K-S IRF-IRG4BC30K-S Datasheet
263Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30K-SPBF IRF-IRG4BC30K-SPBF Datasheet
271Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR Short Ciruit Rated UltraFast IGBT
IRG4BC30K-S IRF-IRG4BC30K-S_04 Datasheet
263Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
More results

Similar Description - IRG4BC30K-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30K IRF-IRG4BC30K Datasheet
137Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30KS IRF-IRG4BC30KS_04 Datasheet
263Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4PC30K IRF-IRG4PC30K Datasheet
121Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4PC30KD IRF-IRG4PC30KD Datasheet
178Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30KDS IRF-IRG4BC30KDS Datasheet
225Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30KD IRF-IRG4BC30KD Datasheet
196Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC40U IRF-IRG4BC40U Datasheet
169Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
IRG4PC40U IRF-IRG4PC40U Datasheet
148Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
IRG4PC50F IRF-IRG4PC50F Datasheet
146Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com