Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC30W Datasheet(PDF) 6 Page - International Rectifier

Part # IRG4BC30W
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30W Datasheet(HTML) 6 Page - International Rectifier

  IRG4BC30W Datasheet HTML 1Page - International Rectifier IRG4BC30W Datasheet HTML 2Page - International Rectifier IRG4BC30W Datasheet HTML 3Page - International Rectifier IRG4BC30W Datasheet HTML 4Page - International Rectifier IRG4BC30W Datasheet HTML 5Page - International Rectifier IRG4BC30W Datasheet HTML 6Page - International Rectifier IRG4BC30W Datasheet HTML 7Page - International Rectifier IRG4BC30W Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRG4BC30W
6
www.irf.com
Fig. 12 - Turn-Off SOA
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
0.1
1
10
100
1000
1
1 0
100
1000
CE
GE
V
, Collecto r-to-E m itter V oltage (V )
SA FE O PER AT IN G AR EA
V
= 2 0V
T
= 12 5 °C
GE
J
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
I
, Collector-to-emitter Current (A)
C

R
= Ohm
T
= 150 C
V
= 480V
V
= 15V
G
J
CC
GE
°
23


Similar Part No. - IRG4BC30W

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30W-S IRF-IRG4BC30W-S Datasheet
188Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.10V, @Vge=15V, Ic=12A)
IRG4BC30W-SPBF IRF-IRG4BC30W-SPBF Datasheet
585Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC30W-SPBF IRF-IRG4BC30W-SPBF Datasheet
275Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC30W-SPBF IRF-IRG4BC30W-SPBF_15 Datasheet
275Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC30WPBF IRF-IRG4BC30WPBF Datasheet
582Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
More results

Similar Description - IRG4BC30W

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC30W IRF-IRG4PC30W Datasheet
123Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
IRG4BC30W IRF-IRG4BC30W_04 Datasheet
582Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
IRG4BC30U IRF-IRG4BC30U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRGBC30U IRF-IRGBC30U Datasheet
244Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=12A)
IRG4PC30U IRF-IRG4PC30U Datasheet
145Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4BC30WS IRF-IRG4BC30WS Datasheet
188Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.10V, @Vge=15V, Ic=12A)
IRG4RC20F IRF-IRG4RC20F Datasheet
264Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.82V, @Vge=15V, Ic=12A)
IRGPC30U IRF-IRGPC30U Datasheet
248Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=12A)
IRG4PC50W IRF-IRG4PC50W Datasheet
157Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.30V, @Vge=15V, Ic=27A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com