Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC40K Datasheet(PDF) 3 Page - International Rectifier

Part # IRG4BC40K
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.1V, @Vge=15V, Ic=25A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC40K Datasheet(HTML) 3 Page - International Rectifier

  IRG4BC40K Datasheet HTML 1Page - International Rectifier IRG4BC40K Datasheet HTML 2Page - International Rectifier IRG4BC40K Datasheet HTML 3Page - International Rectifier IRG4BC40K Datasheet HTML 4Page - International Rectifier IRG4BC40K Datasheet HTML 5Page - International Rectifier IRG4BC40K Datasheet HTML 6Page - International Rectifier IRG4BC40K Datasheet HTML 7Page - International Rectifier IRG4BC40K Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRG4BC40K
www.irf.com
3
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
1
10
100
579
1 1
GE
T = 25°C
T = 150°C
J
J
V
, Gate-to-Emitter Voltage (V)
A
V
= 50V
5µs PULSE WIDTH
CC
1
10
100
0.1
1
10
V
, Collector-to-Emitter Voltage (V)
CE

V
= 15V
20µs PULSE WIDTH
GE

T = 25 C
J
o

T = 150 C
J
o
0
10
20
30
40
50
0.1
1
1 0
1 0 0
f, Frequency (kHz)
A
60% of ra te d
v o lta g e
Ideal diodes
Sq u a re w a v e :
F o r bot h:
D u ty cy cle : 5 0 %
T = 1 2 5 ° C
T
= 9 0 ° C
G a te driv e as s pec ifie d
sink
J
T ria ngular w a v e :
C la m p v o ltag e:
8 0 % o f ra te d
P o w e r D is s ipat ion = 28 W


Similar Part No. - IRG4BC40K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC40K IRF-IRG4BC40K Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRG4BC40KD IRF-IRG4BC40KD Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRG4BC40KPBF IRF-IRG4BC40KPBF Datasheet
574Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC40KPBF IRF-IRG4BC40KPBF Datasheet
284Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC40KPBF IRF-IRG4BC40KPBF_15 Datasheet
284Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4BC40K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC40K IRF-IRG4PC40K Datasheet
119Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.1V, @Vge=15V, Ic=25A)
IRG4PC40KD IRF-IRG4PC40KD Datasheet
182Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.1V, @Vge=15V, Ic=25A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC40U IRF-IRG4BC40U Datasheet
169Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
IRG4PC40U IRF-IRG4PC40U Datasheet
148Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
IRG4PC50F IRF-IRG4PC50F Datasheet
146Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
IRG4PC30F IRF-IRG4PC30F Datasheet
145Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
IRG4PC40W IRF-IRG4PC40W Datasheet
116Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.05V, @Vge=15V, Ic=20A)
IRG4PSC71U IRF-IRG4PSC71U Datasheet
151Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.67V, @Vge=15V, Ic=60A)
IRG4BC30K IRF-IRG4BC30K Datasheet
137Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com