Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1281 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1281
Description  TS613 AS DRIVER FOR ADSL LINE INTERFACES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1281 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1281 Datasheet HTML 1Page - STMicroelectronics AN1281 Datasheet HTML 2Page - STMicroelectronics AN1281 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
TS613 AS DRIVER FOR ADSL LINE INTERFACES - A SINGLE SUPPLY
IMPLEMENTATION WITH PASSIVE OR ACTIVE IMPEDANCE MATCHING
by C. PRUGNE
June 2000
ADSL CONCEPT
Asymmetric Digital Subscriber Line (ADSL), is a
new modem technology, which converts the exist-
ing twisted-pair telephone lines into access paths
for multimedia and high speed data communica-
tions.
ADSL transmits more than 8 Mbps to a subscriber,
and can reach 1Mbps from the subscriber to the
central office. ADSL can literally transform the ac-
tual public information network by bringing mov-
ies, television, video catalogs, remote CD-ROMs,
LANs, and the Internet into homes.
An ADSL modem is connected to a twisted-pair
telephone line, creating three information chan-
nels: a high speed downstream channel (up to
1.1MHz) depending on the implementation of the
ADSL architecture, a medium speed upstream
channel (up to 130kHz) and a POTS (Plain Old
Telephone Service), split off from the modem by
filters.
THE LINE INTERFACE - ADSL Remote
Terminal (RT):
The Figure1 shows a typical analog line interface
used for ADSL. The upstream and downstream
signals are separated from the telephone line by
using an hybrid circuit and a line transformer. On
this note, the accent will be made on the emission
path.
The TS613 is used as a dual line driver for the up-
stream signal.
For the remote terminal it is required to create an
ADSL modem easy to plug in a PC. In such an ap-
plication, the driver should be implemented with a
+12 volts single power supply. This +12V supply is
available on PCI connector of purchase.
The figure 2 shows a single +12V supply circuit
that uses the TS613 as a remote terminal trans-
mitter in differential mode.
The driver is biased with a mid supply (nominaly
+6V), in order to maintain the DC component of
the signal at +6V. This allows the maximum dy-
namic range between 0 and +12 V. Several op-
tions are possible to provide this bias supply (such
as a virtual ground using an operational amplifier),
such as a two-resistance divider which is the
cheapest solution. A high resistance value is re-
quired to limit the current consumption. On the
other hand, the current must be high enough to
bias the inverting input of the TS613. If we consid-
er this bias current (5
µA) as the 1% of the current
through the resistance divider (500
µA) to keep a
stable mid supply, two 47k
Ω resistances can be
used.
The input provides two high pass filters with a
break frequency of about 1.6kHz which is neces-
sary to remove the DC component of the input sig-
nal. To avoid DC current flowing in the primary of
the transformer, an output capacitor is used.
Figure 1 : Typical ADSL Line Interface
impedance
matching
twisted-pair
telephone
line
HYBRID
CIRCUIT
digital
treatment
LP filter
TS613
Line Driver
reception
(analog)
emission
(analog)
digital to
analog
analog to
digital
high output
current
reception
circuits
upstream
downstream
Figure 2 : TS613 as a differential line driver with
a +12V single supply
R1
R3
R2
_
+
_
+
Vi
Vi
Vo
Vo
3
2
6
5
1
7
4
GND
8
+12V
25
100Ω
1:2
Hybrid
&
Transformer
GND
+12V
47k
47k
10µ
100n
100n
100n
1k
1k
12.5
12.5
10n
AN1281
APPLICATION NOTE


Similar Part No. - AN1281

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1281SSM PANASONIC-AN1281SSM Datasheet
55Kb / 2P
   Ripple Filter IC
More results

Similar Description - AN1281

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TA0313 STMICROELECTRONICS-TA0313 Datasheet
212Kb / 9P
   STMicroelectronics Solutions for ADSL Line Interfaces
logo
XFMRS Inc.
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
logo
Motorola, Inc
MC03AX1456CO MOTOROLA-MC03AX1456CO Datasheet
89Kb / 3P
   ADSL Line Driver
logo
XFMRS Inc.
0023AD4S XFMRS-0023AD4S Datasheet
61Kb / 1P
   ADSL LINE DRIVER XFMR
XF0053-AD4MS XFMRS-XF0053-AD4MS_15 Datasheet
62Kb / 1P
   ADSL LINE DRIVER XFMR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com