Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4587 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4587
Description  Input bias current of a chopper amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4587 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4587 Datasheet HTML 2Page - STMicroelectronics AN4587 Datasheet HTML 3Page - STMicroelectronics AN4587 Datasheet HTML 4Page - STMicroelectronics AN4587 Datasheet HTML 5Page - STMicroelectronics AN4587 Datasheet HTML 6Page - STMicroelectronics AN4587 Datasheet HTML 7Page - STMicroelectronics AN4587 Datasheet HTML 8Page - STMicroelectronics AN4587 Datasheet HTML 9Page - STMicroelectronics AN4587 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
What causes Iib spikes
AN4587
6/14
DocID026923 Rev 1
1.2
Clock feed through
Current spikes are also due to the imbalanced parasitic capacitance on the input of the
chopper which is generally called “clock feed through”. Effectively, as shown in Figure 9, the
MOS presents a parasitic capacitance, Cp, and an AC spike appears on each clock
transition of the chopper stages.
Figure 9. Parasitic capacitance of the chopper architecture causing clock feed
through
This AC current can be expressed as a DC current on the input pin of the TSZ121 with an
average value given by Equation 3.
Equation 3
Where
The input bias current expressed in the datasheet of the TSZ121 is represented by the sum
of the injection charge and the offset due to the clock feed through. It can be expressed as
shown in Equation 4.
Equation 4
Due to the chopper architecture using switching MOS, the input bias current of this kind of
op amp shows a net DC current slightly higher than a traditional CMOS op amp. As
expressed by Equation 4 the input bias current mainly depends on the Vcc and the input
common mode voltage.
Figure 10 and 11 show the variation of the Iib depending on these two parameters. The
higher the Vcc, the higher the InjDC (Equation 2) and IoffDC (Equation 3) and so the average
value of the Iib increases. However, the higher the input common mode voltage, Vicm, the
lower the input bias current (Equation 2) because the total charge in the MOS is decreased.
IoffDC
2
fchop
ΔCp Vcc
⋅⋅
=
(3)
ΔCp
Cp1 Cp4
()
Cp2 Cp3
()
=
Iibaverage
IinjDC IoffDC
+
=
(4)


Similar Part No. - AN4587

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN458 STMICROELECTRONICS-AN458 Datasheet
5Mb / 19P
   DISCONTINUOUS MODE POWER SWITCHING REGULATOR
AN4586 STMICROELECTRONICS-AN4586 Datasheet
630Kb / 19P
   Signal conditioning, differential to single-ended amplification
More results

Similar Description - AN4587

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD549 AD-AD549 Datasheet
418Kb / 12P
   Ultralow Input Bias Current Operational Amplifier
REV. A
AD549 AD-AD549_08 Datasheet
1Mb / 20P
   Ultralow Input Bias Current Operational Amplifier
Rev. H
ADA4530-1 AD-ADA4530-1 Datasheet
1Mb / 51P
   Femtoampere Input Bias Current Electrometer Amplifier
AD549 AD-AD549_17 Datasheet
1Mb / 19P
   Ultralow Input Bias Current Operational Amplifier
logo
National Semiconductor ...
LMP7721 NSC-LMP7721 Datasheet
600Kb / 16P
   3 Femtoampere Input Bias Current Precision Amplifier
logo
Texas Instruments
INA116 TI1-INA116 Datasheet
220Kb / 11P
[Old version datasheet]   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA116 BURR-BROWN-INA116 Datasheet
246Kb / 9P
   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
LMP7721 TI-LMP7721_15 Datasheet
980Kb / 32P
[Old version datasheet]   3-Femtoampere Input Bias Current Precision Amplifier
logo
List of Unclassifed Man...
HT1104Z ETC1-HT1104Z Datasheet
27Kb / 2P
   HIGH TEMPERATURE QUAD ULTRALOW INPUT BIAS CURRENT OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
MAX44242 MAXIM-MAX44242_V01 Datasheet
994Kb / 11P
   20V, Low Input Bias-Current, Low-Noise, Dual Op Amplifier
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com