Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4598 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4598
Description  Pre-amplifying the analog output of a MEMS microphone
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4598 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4598 Datasheet HTML 2Page - STMicroelectronics AN4598 Datasheet HTML 3Page - STMicroelectronics AN4598 Datasheet HTML 4Page - STMicroelectronics AN4598 Datasheet HTML 5Page - STMicroelectronics AN4598 Datasheet HTML 6Page - STMicroelectronics AN4598 Datasheet HTML 7Page - STMicroelectronics AN4598 Datasheet HTML 8Page - STMicroelectronics AN4598 Datasheet HTML 9Page - STMicroelectronics AN4598 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Op amp choice
AN4598
6/12
DocID026988 Rev 1
4
Op amp choice
The MP23AB02B microphone supply voltage is between 1.6 V and 3.6 V.
If we want to have only one power supply domain in our application, we should use a low
voltage op amp which is output rail-to-rail (especially at these low voltages where losing 1 V
really makes a difference).
Considering the noise level, slew rate, and THD requirements, the recommended
operational amplifiers are given in Table 1.
Note that all these op amps are available in automotive grade versions.
The first choice is the TS971. For driving low loads the TS922 or TS982 should be used. If
the op amp has a dedicated high-voltage power supply (single or dual supply), the
MC33078 should be used.
Table 1. Recommended op amps
Vcc
(V)
Noise
(nV/√Hz)
Slew rate
(V/µs)
Rail-to-rail
output
Minimum
load (Ω)
TS971
2.7 to 10
4
4
Yes
2 k
TS982
2.5 to 5.5
17
0.7
16
TS922
2.7 to 12
9
1.3
32
MC33078
5 to 30
4.5
7
No
600


Similar Part No. - AN4598

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4599 STMICROELECTRONICS-AN4599 Datasheet
906Kb / 26P
   This application note describes the features
More results

Similar Description - AN4598

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AN-000013 TDK-AN-000013 Datasheet
161Kb / 4P
   Analog Output MEMS Microphone Flex Evaluation Board
logo
STMicroelectronics
STEVAL-MKI139V1 STMICROELECTRONICS-STEVAL-MKI139V1 Datasheet
228Kb / 4P
   Microphone coupon board based on the MP33AB01 analog MEMS microphone
November 2013 Rev 1
STEVAL-MKI139V3 STMICROELECTRONICS-STEVAL-MKI139V3 Datasheet
246Kb / 4P
   Microphone coupon board based on the MP23AB02B analog MEMS microphone
February 2015 Rev 1
STEVAL-MIC007V1 STMICROELECTRONICS-STEVAL-MIC007V1 Datasheet
543Kb / 4P
   Microphone coupon board based on the IMP23ABSU analog MEMS microphone
Rev 1 - November 2020
logo
Unisonic Technologies
ULV7084 UTC-ULV7084 Datasheet
198Kb / 7P
   PRE-AMPLIFIER FOR MEMS MICROPHONE
logo
STMicroelectronics
STEVAL-MKI139V4 STMICROELECTRONICS-STEVAL-MKI139V4 Datasheet
241Kb / 4P
   Microphone coupon board based on the MP23AB01DH analog MEMS microphone
February 2017 Rev 1
STEVAL-MKI139V2 STMICROELECTRONICS-STEVAL-MKI139V2 Datasheet
223Kb / 4P
   Microphone coupon board based on the MP33AB01H analog MEMS microphone
November 2013 Rev 1
logo
New Japan Radio
NJU72084 NJRC-NJU72084 Datasheet
333Kb / 7P
   Pre-Amplifier for MEMS Microphone
logo
TDK Electronics
AN-000012 TDK-AN-000012 Datasheet
212Kb / 4P
   Differential Analog Output MEMS Microphone Flex Evaluation Board
UG-445 TDK-UG-445 Datasheet
173Kb / 2P
   Analog Output MEMS Microphone Flex Evaluation Board User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com