Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PH40U Datasheet(PDF) 5 Page - International Rectifier

Part # IRG4PH40U
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PH40U Datasheet(HTML) 5 Page - International Rectifier

  IRG4PH40U Datasheet HTML 1Page - International Rectifier IRG4PH40U Datasheet HTML 2Page - International Rectifier IRG4PH40U Datasheet HTML 3Page - International Rectifier IRG4PH40U Datasheet HTML 4Page - International Rectifier IRG4PH40U Datasheet HTML 5Page - International Rectifier IRG4PH40U Datasheet HTML 6Page - International Rectifier IRG4PH40U Datasheet HTML 7Page - International Rectifier IRG4PH40U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRG4PH40U
www.irf.com
5
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 10 - Typical Switching Losses vs.
Junction Temperature
0
20
40
60
80
100
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G

V
= 400V
I
= 21A
CC
C
0
10
20
30
40
50
4.0
4.2
4.4
4.6
4.8
5.0
R
, Gate Resistance (Ohm)
G

V
= 960V
V
= 15V
T
= 25 C
I
= 21A
CC
GE
J
C
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.1
1
10
100
T , Junction Temperature ( C )
J
°

R
= Ohm
V
= 15V
V
= 960V
G
GE
CC

I =
A
42
C

I =
A
21
C

I =
A
10.5
C
10
1
10
100
0
1000
2000
3000
4000
V
, Collector-to-Emitter Voltage (V)
CE

V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GE
ies
ge
gc ,
ce
res
gc
oes
ce
gc

Cies

Coes

Cres
RG , Gate Resistance ( Ω )


Similar Part No. - IRG4PH40U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH40UD IRF-IRG4PH40UD Datasheet
220Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A)
IRG4PH40UD IRF-IRG4PH40UD Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRG4PH40UD2 IRF-IRG4PH40UD2 Datasheet
248Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UD2-E IRF-IRG4PH40UD2-E Datasheet
251Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UD2-EP IRF-IRG4PH40UD2-EP Datasheet
231Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4PH40U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH40UD IRF-IRG4PH40UD Datasheet
220Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A)
IRG4PH50K IRF-IRG4PH50K Datasheet
92Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.77V, @Vge=15V, Ic=24A)
IRG4PH20K IRF-IRG4PH20K Datasheet
229Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=3.17V, @Vge=15V, Ic=5.0A)
IRG4PH30K IRF-IRG4PH30K Datasheet
161Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=3.10V, @Vge=15V, Ic=10A)
IRG4PH50S IRF-IRG4PH50S Datasheet
130Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=1.47V, @Vge=15V, Ic=33A)
IRG4PH50U IRF-IRG4PH50U Datasheet
134Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.78V, @Vge=15V, Ic=24A)
IRG4PSH71K IRF-IRG4PSH71K Datasheet
146Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.97V, @Vge=15V, Ic=42A)
IRG4PH40K IRF-IRG4PH40K Datasheet
157Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.74V, @Vge=15V, Ic=15A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC40U IRF-IRG4BC40U Datasheet
169Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com