Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PH50KD Datasheet(PDF) 2 Page - International Rectifier

Part # IRG4PH50KD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.77V, @Vge=15V, Ic=24A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PH50KD Datasheet(HTML) 2 Page - International Rectifier

  IRG4PH50KD Datasheet HTML 1Page - International Rectifier IRG4PH50KD Datasheet HTML 2Page - International Rectifier IRG4PH50KD Datasheet HTML 3Page - International Rectifier IRG4PH50KD Datasheet HTML 4Page - International Rectifier IRG4PH50KD Datasheet HTML 5Page - International Rectifier IRG4PH50KD Datasheet HTML 6Page - International Rectifier IRG4PH50KD Datasheet HTML 7Page - International Rectifier IRG4PH50KD Datasheet HTML 8Page - International Rectifier IRG4PH50KD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRG4PH50KD
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
180
270
IC = 24A
Qge
Gate - Emitter Charge (turn-on)
25
38
nC
VCC = 400V
See Fig.8
Qgc
Gate - Collector Charge (turn-on)
70
110
VGE = 15V
td(on)
Turn-On Delay Time
87
tr
Rise Time
100
TJ = 25°C
td(off)
Turn-Off Delay Time
140
300
IC = 24A, VCC = 800V
tf
Fall Time
200
300
VGE = 15V, RG = 5.0
Eon
Turn-On Switching Loss
3.83
Energy losses include "tail"
Eoff
Turn-Off Switching Loss
1.90
mJ
and diode reverse recovery
Ets
Total Switching Loss
5.73
7.9
See Fig. 9,10,18
tsc
Short Circuit Withstand Time
10
——
µs
VCC = 720V, TJ = 125°C
VGE = 15V, RG = 5.0
td(on)
Turn-On Delay Time
67
TJ = 150°C,
See Fig. 10,11,18
tr
Rise Time
72
IC = 24A, VCC = 800V
td(off)
Turn-Off Delay Time
310
VGE = 15V, RG = 5.0
Ω,
tf
Fall Time
390
Energy losses include "tail"
Ets
Total Switching Loss
8.36
mJ
and diode reverse recovery
LE
Internal Emitter Inductance
13
nH
Measured 5mm from package
Cies
Input Capacitance
2800
VGE = 0V
Coes
Output Capacitance
140
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
53
—ƒ = 1.0MHz
trr
Diode Reverse Recovery Time
90
135
ns
TJ = 25°C
See Fig.
164
245
TJ = 125°C
14
IF = 16A
Irr
Diode Peak Reverse Recovery Current
5.8
10
A
TJ = 25°C
See Fig.
8.3
15
TJ = 125°C
15
VR = 200V
Qrr
Diode Reverse Recovery Charge
260
675
nC
TJ = 25°C
See Fig.
680 1838
TJ = 125°C
16
di/dt = 200A/µs
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
120
A/µs
TJ = 25°C
See Fig.
During tb
76
TJ = 125°C
17
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
ns
ns
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
S 1200 ——
VVGE = 0V, IC = 250µA
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage
0.91
V/°CVGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
2.77
3.5
IC = 24A
VGE = 15V
3.28
VIC = 45A
See Fig. 2, 5
2.54
IC = 24A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
6.0
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage
-10
mV/°CVCE = VGE, IC = 250µA
gfe
Forward Transconductance
T
13
19
SVCE = 100V, IC = 24A
ICES
Zero Gate Voltage Collector Current
——
250
µA
VGE = 0V, VCE = 1200V
——
6500
VGE = 0V, VCE = 1200V, TJ = 150°C
VFM
Diode Forward Voltage Drop
2.5
3.5
V
IC = 16A
See Fig. 13
2.1
3.0
IC = 16A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
——
±100
nA
VGE = ±20V
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)


Similar Part No. - IRG4PH50KD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH50KDPBF IRF-IRG4PH50KDPBF Datasheet
681Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH50KDPBF IRF-IRG4PH50KDPBF Datasheet
681Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH50KDPBF IRF-IRG4PH50KDPBF_15 Datasheet
681Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4PH50KD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH50K IRF-IRG4PH50K Datasheet
92Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.77V, @Vge=15V, Ic=24A)
IRG4PH50UD IRF-IRG4PH50UD Datasheet
229Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.78V, @Vge=15V, Ic=24A)
IRG4PH50U IRF-IRG4PH50U Datasheet
134Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.78V, @Vge=15V, Ic=24A)
IRG4PSH71KD IRF-IRG4PSH71KD Datasheet
200Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.97V, @Vge=15V, Ic=42A)
IRG4PH40UD IRF-IRG4PH40UD Datasheet
220Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A)
IRG4PH30KD IRF-IRG4PH30KD Datasheet
212Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=3.10V, @Vge=15V, Ic=10A)
IRG4PH40KD IRF-IRG4PH40KD Datasheet
217Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.47V, @Vge=15V, Ic=15A)
IRG4PH20KD IRF-IRG4PH20KD Datasheet
276Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=3.17V, @Vge=15V, Ic=5.0A)
IRGPC40MD2 IRF-IRGPC40MD2 Datasheet
85Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=24A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com