Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PH50KD Datasheet(PDF) 3 Page - International Rectifier

Part # IRG4PH50KD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.77V, @Vge=15V, Ic=24A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PH50KD Datasheet(HTML) 3 Page - International Rectifier

  IRG4PH50KD Datasheet HTML 1Page - International Rectifier IRG4PH50KD Datasheet HTML 2Page - International Rectifier IRG4PH50KD Datasheet HTML 3Page - International Rectifier IRG4PH50KD Datasheet HTML 4Page - International Rectifier IRG4PH50KD Datasheet HTML 5Page - International Rectifier IRG4PH50KD Datasheet HTML 6Page - International Rectifier IRG4PH50KD Datasheet HTML 7Page - International Rectifier IRG4PH50KD Datasheet HTML 8Page - International Rectifier IRG4PH50KD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRG4PH50KD
www.irf.com
3
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
1
10
100
1
10
V
, Collector-to-Emitter Voltage (V)
CE

V
= 15V
20µs PULSE WIDTH
GE

T = 25 C
J
°

T = 150 C
J
°
1
10
100
5
6
7
8
9
10
11
12
V
, Gate-to-Emitter Voltage (V)
GE

V
= 50V
5µs PULSE WIDTH
CC

T = 25 C
J
°

T = 150 C
J
°
0.1
1
10
100
0
5
10
15
20
25
30
f, Frequency (KHz)
Fo r bo th :
D u ty cy cle : 5 0 %
T
= 125 ° C
T
= 9 0 ° C
G a te driv e as s p ec ifie d
sink
J
P o we r Dis s ip a tio n =
W
6 0% of rate d
volta ge
I
Ideal diodes
S qua re w a v e :
40


Similar Part No. - IRG4PH50KD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH50KDPBF IRF-IRG4PH50KDPBF Datasheet
681Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH50KDPBF IRF-IRG4PH50KDPBF Datasheet
681Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH50KDPBF IRF-IRG4PH50KDPBF_15 Datasheet
681Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4PH50KD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH50K IRF-IRG4PH50K Datasheet
92Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.77V, @Vge=15V, Ic=24A)
IRG4PH50UD IRF-IRG4PH50UD Datasheet
229Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.78V, @Vge=15V, Ic=24A)
IRG4PH50U IRF-IRG4PH50U Datasheet
134Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.78V, @Vge=15V, Ic=24A)
IRG4PSH71KD IRF-IRG4PSH71KD Datasheet
200Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.97V, @Vge=15V, Ic=42A)
IRG4PH40UD IRF-IRG4PH40UD Datasheet
220Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A)
IRG4PH30KD IRF-IRG4PH30KD Datasheet
212Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=3.10V, @Vge=15V, Ic=10A)
IRG4PH40KD IRF-IRG4PH40KD Datasheet
217Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.47V, @Vge=15V, Ic=15A)
IRG4PH20KD IRF-IRG4PH20KD Datasheet
276Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=3.17V, @Vge=15V, Ic=5.0A)
IRGPC40MD2 IRF-IRGPC40MD2 Datasheet
85Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=24A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com