Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGB420 Datasheet(PDF) 6 Page - International Rectifier

Part # IRGB420
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=7.5A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGB420 Datasheet(HTML) 6 Page - International Rectifier

  IRGB420 Datasheet HTML 1Page - International Rectifier IRGB420 Datasheet HTML 2Page - International Rectifier IRGB420 Datasheet HTML 3Page - International Rectifier IRGB420 Datasheet HTML 4Page - International Rectifier IRGB420 Datasheet HTML 5Page - International Rectifier IRGB420 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
C-580
IRGB420U
Fig. 12 - Turn-Off SOA
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
0 .0
0 .2
0 .4
0 .6
0 .8
1 .0
0
4
8
1 2
1 6
C
I
, C o llector-to -E m itte r Current (A )
R
= 5 0
T
= 150 °C
V
= 4 00 V
V
= 15 V
G
C
C C
G E
0 .1
1
1 0
1 0 0
1 0 0 0
1
1 0
1 0 0
1 0 0 0
C E
G E
V
, C o lle cto r-to -E m itte r V o lta g e (V )
S A F E O P E R A T IN G A R E A
V
= 20 V
T
= 12 5°C
G E
J
Refer to Section D for the following:
Appendix A: Section D - page D-3
Fig. 13a - Clamped Inductive Load Test Circuit
Fig. 13b - Pulsed Collector Current Test Circuit
Fig. 14a - Switching Loss Test Circuit
Fig. 14b - Switching Loss Waveform
Package Outline 1 - JEDEC Outline TO-220AB
Section D - page D-12
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRGB420

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB420U IRF-IRGB420U Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRGB420UD2 IRF-IRGB420UD2 Datasheet
428Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=500V, @Vge=15V,Ic=7.5A)
IRGB420UD2 IRF-IRGB420UD2 Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
More results

Similar Description - IRGB420

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP420U IRF-IRGP420U Datasheet
258Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=7.5A)
IRGB440U IRF-IRGB440U Datasheet
252Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=22A)
IRGP440U IRF-IRGP440U Datasheet
254Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=22A)
IRGB430U IRF-IRGB430U Datasheet
253Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=15A)
IRGP450U IRF-IRGP450U Datasheet
260Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=33A)
IRGP430U IRF-IRGP430U Datasheet
256Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=15A)
IRGB420UD2 IRF-IRGB420UD2 Datasheet
428Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=500V, @Vge=15V,Ic=7.5A)
IRGBC20S IRF-IRGBC20S Datasheet
274Kb / 7P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=10A)
IRGBC30U IRF-IRGBC30U Datasheet
244Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=12A)
IRGPH40M IRF-IRGPH40M Datasheet
84Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=18A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com