Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH101-G Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # AH101-G
Description  Medium Power, High Linearity Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH101-G Datasheet(HTML) 4 Page - TriQuint Semiconductor

  AH101-G Datasheet HTML 1Page - TriQuint Semiconductor AH101-G Datasheet HTML 2Page - TriQuint Semiconductor AH101-G Datasheet HTML 3Page - TriQuint Semiconductor AH101-G Datasheet HTML 4Page - TriQuint Semiconductor AH101-G Datasheet HTML 5Page - TriQuint Semiconductor AH101-G Datasheet HTML 6Page - TriQuint Semiconductor AH101-G Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AH101-G
Medium Power, High Linearity Amplifier
Datasheet: Rev B 08-12-13
- 4 of 7 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
AH101-PCB Evaluation Board (50−1500 MHz)
C1
C3
C2
J4
J3
U1
U1
AH101-G
J2
RF
Output
J4 GND
J3 VDD
1
2,4
3
J1
RF
Input
L1
470 nH
0805
R1
0
C2
0.018 uF
C1
0.018 uF
C3
0.018 uF
Vcc
Notes:
1. See Evaluation Board PCB Information for material and stack-up.
2. R1 (0 Ω jumper) may be replaced with copper trace in the target application layout.
3. All components are 0603 size unless stated on the schematic.
4. The amplifier should be connected directly to a +9 V regulator; no dropping resistor is required.
5. If no DC signal is present at the input (pin 1), C1 can be removed. The gate (input pin) is internally grounded in the amplifier.
6. For higher frequencies of operation, use a lower value L2 inductor.
Performance Plots − AH101-PCB
Test conditions unless otherwise noted:
VDD =+9V, IDD=200 mA (typ.), Temp= +25°C


Similar Part No. - AH101-G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH101-G WJCI-AH101-G Datasheet
372Kb / 5P
   Medium Power, High Linearity Amplifier
More results

Similar Description - AH101-G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH101 WJCI-AH101 Datasheet
372Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH102A ETC-AH102A Datasheet
235Kb / 6P
   Medium Power, High Linearity Amplifier
logo
TriQuint Semiconductor
AH102A-G TRIQUINT-AH102A-G_15 Datasheet
203Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH101 ETC-AH101 Datasheet
214Kb / 6P
   Medium Power, High Linearity Amplifier
logo
WJ Communication. Inc.
AH102A WJCI-AH102A Datasheet
243Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH102 ETC-AH102 Datasheet
278Kb / 6P
   Medium Power, High Linearity Amplifier
AH201 ETC-AH201 Datasheet
220Kb / 4P
   Medium Power, High Linearity Amplifier
logo
Infineon Technologies A...
BFQ790 INFINEON-BFQ790_17 Datasheet
491Kb / 23P
   High Linearity RF Medium Power Amplifier
Revision 2.0 2017-02-16
logo
Filtronic Compound Semi...
FMA3018QFN FILTRONIC-FMA3018QFN Datasheet
141Kb / 4P
   MEDIUM LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
   High Linearity Amplifier
Rev. 2, 9/2014
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com