Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1313 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1313
Description  Porting an application from the ST10F168 to the ST10F269
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1313 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1313 Datasheet HTML 2Page - STMicroelectronics AN1313 Datasheet HTML 3Page - STMicroelectronics AN1313 Datasheet HTML 4Page - STMicroelectronics AN1313 Datasheet HTML 5Page - STMicroelectronics AN1313 Datasheet HTML 6Page - STMicroelectronics AN1313 Datasheet HTML 7Page - STMicroelectronics AN1313 Datasheet HTML 8Page - STMicroelectronics AN1313 Datasheet HTML 9Page - STMicroelectronics AN1313 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AN1313 - APPLICATION NOTE
6/16
Figure 1 : Flash Memories’ Mapping
Note:
Bank 0 (Block 0) and Bank 1L (Block 1) may be remapped from segment 0 to segment 1 by
setting SYSCON-ROMS1 (before EINIT).
13
12
11
10
0F
0E
0D
0C
0B
0A
09
08
07
06
05
04
03
02
1
00
ST10F168 Flash Mapping
04’FFFF
04’C000
04’8000
04’4000
04’0000
03’8000
Bank 3: 96K Bytes
03’7FFF
03’4000
03’0000
02’C000
02’8000
02’4000
02’0000
Bank 2: 96K Bytes
01’FFFF
01’C000
01’8000
Bank 1H: 32K Bytes
01’7FFF
01’4000
Bank 1L(*): 16K Bytes
01’3FFF
01’0000
Bank 0(*): 16K Bytes
00’FFFF
00’8000
00’7FFF
00’4000
Bank 1L(*): 16K Bytes
00’3FFF
00’0000
Bank 0(*): 16K Bytes
ST10F269 Flash Mapping
04’FFFF
04’C000
04’8000
04’4000
04’0000
Block 6: 64K Bytes
03’FFFF
03’8000
03’4000
03’0000
Block 5: 64K Bytes
02’FFFF
02’C000
02’8000
02’4000
02’0000
Block 4: 64K Bytes
01’FFFF
01’C000
01’8000
Block 3: 32K Bytes
01’7FFF
01’6000
Block 2(*): 8K Bytes
01’5FFF
01’4000
Block 1(*): 8K Bytes
01’3FFF
01’0000
Block 0(*): 16K Bytes
00’FFFF
00’8000
00’7FFF
00’6000
Block 2(*): 8K Bytes
00’5FFF
00’4000
Block 1(*): 8K Bytes
00’3FFF
00’0000
Block 0(*): 16K Bytes


Similar Part No. - AN1313

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN131 SILABS-AN131 Datasheet
1Mb / 16P
   The C8051F12x series is pin compatible
logo
STMicroelectronics
AN1317 STMICROELECTRONICS-AN1317 Datasheet
390Kb / 23P
   NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
AN1318 STMICROELECTRONICS-AN1318 Datasheet
63Kb / 9P
   INTERFACING BETWEEN LVDS AND HIGH
More results

Similar Description - AN1313

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2169 STMICROELECTRONICS-AN2169 Datasheet
213Kb / 33P
   Porting an application from the ST10F168 to the ST10F276
AN2549 STMICROELECTRONICS-AN2549 Datasheet
441Kb / 33P
   Porting an application from the ST10F269Zx to the ST10F272Z2
AN2556 STMICROELECTRONICS-AN2556 Datasheet
455Kb / 35P
   Porting an application from the ST10F269Zx to the ST10F273Z4
AN2555 STMICROELECTRONICS-AN2555 Datasheet
475Kb / 33P
   Porting an application from the ST10F269Zx to the ST10F276Z5
logo
Zilog, Inc.
AN0366 ZILOG-AN0366 Datasheet
245Kb / 12P
   Porting RZK/ZTP Applications to the eZ80L925148MODG Module
logo
STMicroelectronics
AN2353 STMICROELECTRONICS-AN2353 Datasheet
180Kb / 18P
   Designing an application with the ST10F27x devices
AN2595 STMICROELECTRONICS-AN2595 Datasheet
240Kb / 20P
   Designing an application with the ST10F27xZx devices
logo
Exar Corporation
DAN-161 EXAR-DAN-161 Datasheet
26Kb / 2P
   MIGRATING FROM THE XR16C2850 TO THE XR16L2751
logo
STMicroelectronics
AN4240 STMICROELECTRONICS-AN4240 Datasheet
1Mb / 30P
   This application note provides an easy introduction to the usage
logo
SPANSION
S71WS512N SPANSION-S71WS512N Datasheet
572Kb / 18P
   Migrating from the S71WS512N to the S71WS512P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com