Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGBC20UD2 Datasheet(PDF) 2 Page - International Rectifier

Part # IRGBC20UD2
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=6.5A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGBC20UD2 Datasheet(HTML) 2 Page - International Rectifier

  IRGBC20UD2 Datasheet HTML 1Page - International Rectifier IRGBC20UD2 Datasheet HTML 2Page - International Rectifier IRGBC20UD2 Datasheet HTML 3Page - International Rectifier IRGBC20UD2 Datasheet HTML 4Page - International Rectifier IRGBC20UD2 Datasheet HTML 5Page - International Rectifier IRGBC20UD2 Datasheet HTML 6Page - International Rectifier IRGBC20UD2 Datasheet HTML 7Page - International Rectifier IRGBC20UD2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
C-694
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
16
22
IC = 6.5A
Qge
Gate - Emitter Charge (turn-on)
2.5
3.8
nC
VCC = 400V
Qgc
Gate - Collector Charge (turn-on)
7.8
13
See Fig. 8
td(on)
Turn-On Delay Time
60
TJ = 25°C
tr
Rise Time
29
ns
IC = 6.5A, V CC = 480V
td(off)
Turn-Off Delay Time
130
200
VGE = 15V, RG = 50Ω
tf
Fall Time
65
120
Energy losses include "tail" and
Eon
Turn-On Switching Loss
0.21
diode reverse recovery.
Eoff
Turn-Off Switching Loss
0.22
mJ
See Fig. 9, 10, 11, 18
Ets
Total Switching Loss
0.43
0.65
td(on)
Turn-On Delay Time
60
TJ = 150°C,
See Fig. 9, 10, 11, 18
tr
Rise Time
30
ns
IC = 6.5A, V CC = 480V
td(off)
Turn-Off Delay Time
210
VGE = 15V, RG = 50Ω
tf
Fall Time
180
Energy losses include "tail" and
Ets
Total Switching Loss
0.71
mJ
diode reverse recovery.
LE
Internal Emitter Inductance
7.5
nH
Measured 5mm from package
Cies
Input Capacitance
330
VGE = 0V
Coes
Output Capacitance
65
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
6.0
ƒ = 1.0MHz
trr
Diode Reverse Recovery Time
37
55
ns
TJ = 25°C
See Fig.
55
90
TJ = 125°C
14
IF = 8.0A
Irr
Diode Peak Reverse Recovery Current
3.5
5.0
A
TJ = 25°C
See Fig.
4.5
8.0
TJ = 125°C
15
V R = 200V
Qrr
Diode Reverse Recovery Charge
65
138
nC
TJ = 25°C
See Fig.
124
360
TJ = 125°C
16
di/dt = 200A/µs
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
240
A/µs
TJ = 25°C
See Fig.
During tb
210
TJ = 125°C
17
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
V
VGE = 0V, IC = 250µA
∆V(BR)CES/∆TJ Temp. Coeff. of Breakdown Voltage
0.69
V/°C
VGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
2.2
3.0
IC = 6.5A
VGE = 15V
2.8
V
IC = 13A
See Fig. 2, 5
2.5
IC = 6.5A, T J = 150°C
VGE(th)
Gate Threshold Voltage
3.0
5.5
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temp. Coeff. of Threshold Voltage
-11
mV/°C
VCE = VGE, IC = 250µA
gfe
Forward Transconductance
1.4
4.3
S
VCE = 100V, IC = 6.5A
ICES
Zero Gate Voltage Collector Current
250
µA
VGE = 0V, VCE = 600V
1700
VGE = 0V, VCE = 600V, T J = 150°C
VFM
Diode Forward Voltage Drop
1.4
1.7
V
IC = 8.0A
See Fig. 13
1.3
1.6
IC = 8.0A, T J = 150°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V
IRGBC20UD2
Pulse width
≤ 80µs; duty factor ≤ 0.1%.
VCC=80%(VCES), VGE=20V, L=10µH,
RG= 50Ω, ( See fig. 19 )
Pulse width 5.0µs,
single shot.
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Repetitive rating; V GE=20V, pulse width
limited by max. junction temperature.
( See fig. 20 )
Notes:
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRGBC20UD2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGBC20UD2 IRF-IRGBC20UD2 Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
More results

Similar Description - IRGBC20UD2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPC20U IRF-IRGPC20U Datasheet
258Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=6.5A)
IRGBC20U IRF-IRGBC20U Datasheet
253Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=6.5A)
IRGBC20KD2 IRF-IRGBC20KD2 Datasheet
430Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=6.0A)
IRGPC30UD2 IRF-IRGPC30UD2 Datasheet
419Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=12A)
IRGBC30UD2 IRF-IRGBC30UD2 Datasheet
413Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=12A)
IRGPC40UD2 IRF-IRGPC40UD2 Datasheet
421Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=20A)
IRGPC30MD2 IRF-IRGPC30MD2 Datasheet
421Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=16A)
IRGPC40FD2 IRF-IRGPC40FD2 Datasheet
425Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=27A)
IRGBC20MD2-S IRF-IRGBC20MD2-S Datasheet
420Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=8.0A)
IRGBC30MD2-S IRF-IRGBC30MD2-S Datasheet
425Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=16A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com