Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2354 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2354
Description  ST10 UART recommendations
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2354 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2354 Datasheet HTML 1Page - STMicroelectronics AN2354 Datasheet HTML 2Page - STMicroelectronics AN2354 Datasheet HTML 3Page - STMicroelectronics AN2354 Datasheet HTML 4Page - STMicroelectronics AN2354 Datasheet HTML 5Page - STMicroelectronics AN2354 Datasheet HTML 6Page - STMicroelectronics AN2354 Datasheet HTML 7Page - STMicroelectronics AN2354 Datasheet HTML 8Page - STMicroelectronics AN2354 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AN2354
ST10 ASC peripherals
3/21
1
ST10 ASC peripherals
Unlike the old microcontrollers of the ST10 family, two Asynchronous/Synchronous Serial
(ASC) Interfaces are implemented on the latest ST10F27x and ST1025x, one as a standard
peripheral and the other one mapped on the XBUS. The so-called standard module,
instead, is present on all the devices of the ST10 family. The main differences between the
two interfaces are limited to the programming model and interrupt management; in terms of
general functionality and performance the two modules are equivalent.
The rest of the document refers only to the ST10F27x, recalling that all discussion regarding
the standard module is still valid for all the other ST10 microcontrollers.
These peripherals provide serial communication between the ST10F27x and other
microcontrollers, microprocessors or external peripherals. We refer to standard ASC
interface as ASC0 and XBUS ASC interface as ASC1.
The ASC interfaces provide two kind of operations: Asynchronous and Synchronous. In
synchronous mode, data is transmitted or received synchronously to a shift clock. In
asynchronous mode, 8- or 9-bit data transfer, parity generation and a number of stop bits
can be selected. Parity, framing and overrun error detection is provided to increase the
reliability of data transfers. Transmission and reception of data is double-buffered.
For multiprocessor communication, a mechanism to distinguish address from data byte is
included. Testing is supported by a loop-back option. A 13-bit baud rate generator provides
the ASC with a separate serial clock signal.
1.1
Register linked with ASC modules
While ASC0 is enabled by default after the reset, ASC1 must be enabled by setting XPEN
(bit 2 of SYSCON register) and bit 8 of XPERCON register. ASC0 is connected as an
alternate function of bit 10 and bit 11 of PORT3 (P3.10/TXD0, P3.11/RXD0). ASC1 is
connected as an alternate function of bit 6 and bit 7 of PORT8 (P8.6/TXD1 P8.7/RXD1).
Obviously, RX pins must be set as input and TX pins as output, using the standard direction
port register (DP3) for ASC0 and XS1PORT register for ASC1.
1.1.1
Control register
A control register controls the operating mode: S0CON for ASC0 and XS1CON for ASC1.
The first one is bit addressable; the second one is not bit addressable. However, two
additional registers (XS1CONSET and XS1CONCLR) are provided to set and clear single
bits. Setting a bit in XS1CONSET register sets the corresponding bit in XS1CON register;
clearing a bit has no effect. Likewise, setting a bit in XS1CONCLR register clears the
corresponding bit in XS1CON register; clearing a bit has no effect.
SxCON (0 for ASC0 and 1 for ASC1)
Reset value: 0000h
15
14
13
12
11
10
98
765
43
210
SxR
SxLB SxBRS SxODD
-
SxOE
SxFE
SxPE SxOEN SxFEN SxPEN SxREN SxSTP
SxM
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW


Similar Part No. - AN2354

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN235 STMICROELECTRONICS-AN235 Datasheet
1Mb / 23P
   Stepper motor driving
logo
Silicon Laboratories
AN235 SILABS-AN235 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
logo
STMicroelectronics
AN2350 STMICROELECTRONICS-AN2350 Datasheet
901Kb / 41P
   Guidelines for the control of a multiaxial planar robot with ST10F276
logo
Infineon Technologies A...
AN235196 INFINEON-AN235196 Datasheet
303Kb / 11P
   Provisioning OPTIGA™ Trust Charge for WLC transmitters
Rev. 2022-05-02
logo
STMicroelectronics
AN2352 STMICROELECTRONICS-AN2352 Datasheet
188Kb / 20P
   PLL jitter effects on C-CAN modules of the ST10F27x
More results

Similar Description - AN2354

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3232 STMICROELECTRONICS-AN3232 Datasheet
1Mb / 26P
   Mounting recommendations
logo
National Semiconductor ...
AN-2029 NSC-AN-2029 Datasheet
189Kb / 6P
   Handling & Process Recommendations
logo
STMicroelectronics
AN2182 STMICROELECTRONICS-AN2182 Datasheet
227Kb / 18P
   Filters using the ST10 DSP library
logo
Silicon Laboratories
AN637 SILABS-AN637 Datasheet
1Mb / 8P
   MASTER CONTROLLER RECOMMENDATIONS
logo
STMicroelectronics
TN1200 STMICROELECTRONICS-TN1200 Datasheet
286Kb / 16P
   package description and recommendations for use
AN1235 STMICROELECTRONICS-AN1235 Datasheet
257Kb / 14P
   package description and recommendations for use
AN4208 STMICROELECTRONICS-AN4208 Datasheet
288Kb / 16P
   package description and recommendations for use
AN2027 STMICROELECTRONICS-AN2027 Datasheet
53Kb / 5P
   Mounting recommendations for ceramic DMOS packages
AN1751 STMICROELECTRONICS-AN1751 Datasheet
579Kb / 7P
   EMI Filters: Recommendations and measurements
logo
Holt Integrated Circuit...
AN-550 HOLTIC-AN-550 Datasheet
93Kb / 11P
   This application note provides recommendations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com