Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2354 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2354
Description  ST10 UART recommendations
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2354 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2354 Datasheet HTML 1Page - STMicroelectronics AN2354 Datasheet HTML 2Page - STMicroelectronics AN2354 Datasheet HTML 3Page - STMicroelectronics AN2354 Datasheet HTML 4Page - STMicroelectronics AN2354 Datasheet HTML 5Page - STMicroelectronics AN2354 Datasheet HTML 6Page - STMicroelectronics AN2354 Datasheet HTML 7Page - STMicroelectronics AN2354 Datasheet HTML 8Page - STMicroelectronics AN2354 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AN2354
ST10 ASC peripherals
5/21
1.1.2
Transmit and receive buffer registers
Writing to the Transmit buffer register SxTBUF (via an instruction or a PEC data transfer)
starts a transmission.
Only the number of data bit which is determined by the selected operating mode is actually
transmitted. Bits written to positions 9 through 15 of register SxTBUF are always
insignificant. After a transmission is completed, the transmit buffer register is cleared to
0000h.
Data transmission is double-buffered, so a new character may be written to the transmit
buffer register before the transmission of the previous character is complete. This allows
back-to-back transmission of characters without gaps.
Data reception is enabled by the Receiver Enable bit SxREN. After reception of a character
is completed, the received data and, if provided by the selected operating mode, the
received parity bit can be read from the (read-only) Receive Buffer register SxRBUF.
Bits in the upper half of SxRBUF which are not valid in the selected operating mode are read
as zeros.
Data reception is double-buffered, so that reception of a second character may already
begin before the previously received character is read out of the receive buffer register.
The Loop-Back option (selected by bit SxLB) allows the data currently being transmitted to
be received simultaneously in the receive buffer.
SxTBUF
Reset value: 0000h
15
14
13
12
11
10
98
765
43
210
--
---
--
Transmit Data Buffer
--
---
--
RW
SxRBUF
Reset value: 0xxxh
15
14
13
12
11
10
98
765
43
210
--
---
--
Received Data
R


Similar Part No. - AN2354

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN235 STMICROELECTRONICS-AN235 Datasheet
1Mb / 23P
   Stepper motor driving
logo
Silicon Laboratories
AN235 SILABS-AN235 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
logo
STMicroelectronics
AN2350 STMICROELECTRONICS-AN2350 Datasheet
901Kb / 41P
   Guidelines for the control of a multiaxial planar robot with ST10F276
logo
Infineon Technologies A...
AN235196 INFINEON-AN235196 Datasheet
303Kb / 11P
   Provisioning OPTIGA™ Trust Charge for WLC transmitters
Rev. 2022-05-02
logo
STMicroelectronics
AN2352 STMICROELECTRONICS-AN2352 Datasheet
188Kb / 20P
   PLL jitter effects on C-CAN modules of the ST10F27x
More results

Similar Description - AN2354

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3232 STMICROELECTRONICS-AN3232 Datasheet
1Mb / 26P
   Mounting recommendations
logo
National Semiconductor ...
AN-2029 NSC-AN-2029 Datasheet
189Kb / 6P
   Handling & Process Recommendations
logo
STMicroelectronics
AN2182 STMICROELECTRONICS-AN2182 Datasheet
227Kb / 18P
   Filters using the ST10 DSP library
logo
Silicon Laboratories
AN637 SILABS-AN637 Datasheet
1Mb / 8P
   MASTER CONTROLLER RECOMMENDATIONS
logo
STMicroelectronics
TN1200 STMICROELECTRONICS-TN1200 Datasheet
286Kb / 16P
   package description and recommendations for use
AN1235 STMICROELECTRONICS-AN1235 Datasheet
257Kb / 14P
   package description and recommendations for use
AN4208 STMICROELECTRONICS-AN4208 Datasheet
288Kb / 16P
   package description and recommendations for use
AN2027 STMICROELECTRONICS-AN2027 Datasheet
53Kb / 5P
   Mounting recommendations for ceramic DMOS packages
AN1751 STMICROELECTRONICS-AN1751 Datasheet
579Kb / 7P
   EMI Filters: Recommendations and measurements
logo
Holt Integrated Circuit...
AN-550 HOLTIC-AN-550 Datasheet
93Kb / 11P
   This application note provides recommendations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com