Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2479 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2479
Description  The STEVAL-CCA048V1 is a demonstration board designed for the evaluation
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2479 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2479 Datasheet HTML 7Page - STMicroelectronics AN2479 Datasheet HTML 8Page - STMicroelectronics AN2479 Datasheet HTML 9Page - STMicroelectronics AN2479 Datasheet HTML 10Page - STMicroelectronics AN2479 Datasheet HTML 11Page - STMicroelectronics AN2479 Datasheet HTML 12Page - STMicroelectronics AN2479 Datasheet HTML 13Page - STMicroelectronics AN2479 Datasheet HTML 14Page - STMicroelectronics AN2479 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AN2479
Design guidelines for PCB schematic and layout
Doc ID 12956 Rev 2
11/23
Main filter
The main filter is an L-C based Butterworth filter. The cutoff frequency must be chosen
between the upper limit of the audio band (~ 20 kHz) and the carrier frequency (384 kHz).
Figure 11.
Main filter
Figure 12.
Recommended power-up and power-down sequence
Table 2.
Recommended values
Rload
8 ohm
4 ohm
Lload
22 µH
10 µH
Cload
470 nF
1 µF
C damp-S
100 nF
220 nF
C damp-P
220 nF
220 nF
R damp
6.2
2.7
Rload
Cload
Lload
Lload
INxA
INxB
Lload
Rload
2
Π
2
*
fcutoff
*
*
----------------
-----------------
=
f cutoff
1
2
Π
*
2
load
Lload
*
*
*
-----------------------------------------------------------------------
=
Cload
1
22
Π
fcutoff Rload
*
*
*
-----------------------------------------------------------------
=
C
----------------
-
Don
’t care
Don
’t care
CMD0
CMD1
CMD2
VCC
VDD_Di
XTI
Reset
I2C
PWD
T
T
Don
’t care
Don
’t care
CMD0
CMD1
CMD2
VCC
VDD_Di
XTI
Reset
I2C
PWD
T
T
Don’t care
TR = mimimum time between XTI master clock stable and Reset removal: 1 msec
TC = minimum time between Reset removal and I2C program, sequence start: 1msec
Note 1: clock stable means: fmax - fmin < 1 MHz
Note 2: No specific VCC and VDD_Dig turn-on sequence is required


Similar Part No. - AN2479

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN247 MICROCHIP-AN247 Datasheet
719Kb / 32P
   A CAN Bootloader for PIC18F CAN Microcontrollers
02/12/03
logo
STMicroelectronics
AN2471 STMICROELECTRONICS-AN2471 Datasheet
307Kb / 12P
   STMAV335 has three sets
AN2472 STMICROELECTRONICS-AN2472 Datasheet
143Kb / 11P
   STMAV340 analog video switch
AN2474 STMICROELECTRONICS-AN2474 Datasheet
145Kb / 7P
   TS4995 1.2W fully differential audio power amplifier with selectable
AN2475 STMICROELECTRONICS-AN2475 Datasheet
1Mb / 37P
   STR91xFAxxx in-application programming using UART
More results

Similar Description - AN2479

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4170 STMICROELECTRONICS-AN4170 Datasheet
1Mb / 15P
   The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
AN4189 STMICROELECTRONICS-AN4189 Datasheet
2Mb / 23P
   The STEVAL-CCA049V1 is a demonstration board designed for the evaluation
AN4171 STMICROELECTRONICS-AN4171 Datasheet
797Kb / 14P
   The STEVAL-CCA043V1 is a demonstration board designed for the evaluation
AN3412 STMICROELECTRONICS-AN3412 Datasheet
1,023Kb / 15P
   The STEVAL-CCA028V1 is a demonstration board designed
AN3956 STMICROELECTRONICS-AN3956 Datasheet
1Mb / 14P
   The STEVAL-CCA029V1 is a demonstration board designed
AN2786 STMICROELECTRONICS-AN2786 Datasheet
227Kb / 10P
   The STEVAL-IHI001V1 is a demonstration board designed to simulate
UM1494 STMICROELECTRONICS-UM1494 Datasheet
722Kb / 23P
   The STEVAL-IHT007V1 demonstration board is designed for the home appliance market
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
   The STEVAL-IFN004V1 is a demonstration board based
AN3095 STMICROELECTRONICS-AN3095 Datasheet
3Mb / 55P
   The STEVAL-ISV002V2 demonstration board is the same
AN4460 STMICROELECTRONICS-AN4460 Datasheet
1Mb / 54P
   The STEVAL-ILL057V1 demonstration board is a complete
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com