Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2618 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2618
Description  eTPU host interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2618 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2618 Datasheet HTML 1Page - STMicroelectronics AN2618 Datasheet HTML 2Page - STMicroelectronics AN2618 Datasheet HTML 3Page - STMicroelectronics AN2618 Datasheet HTML 4Page - STMicroelectronics AN2618 Datasheet HTML 5Page - STMicroelectronics AN2618 Datasheet HTML 6Page - STMicroelectronics AN2618 Datasheet HTML 7Page - STMicroelectronics AN2618 Datasheet HTML 8Page - STMicroelectronics AN2618 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
eTPU and host interface hardware
AN2618
4/23
2
eTPU and host interface hardware
The host interface hardware for the eTPU is shown in Figure 1. The host and eTPU can
communicate to each other via event or by data.
The host has access to all eTPU host interface registers. When the host wants the eTPU’s
services, it can issue the host service request (HSR) by writing the eTPU channel control
registers. Once the host service request is acknowledged, a thread of eTPU code
associated with this HSR is activated for execution. The eTPU code in the thread
implements the functions requested by the host. When eTPU needs the host service, it can
issue the interrupt request or DMA data transfer request, or generate a global exception.
The events handling logic is needed in the host software to provide services to the eTPU
corresponding to these requests.
The eTPU code memory (RAM) and data memory (RAM) are accessible by both host and
eTPU. eTPU code memory stores the eTPU executable binary image. At the power up
initialization, following the defined sequences, the host transfers the eTPU code stored in
the flash memory to the eTPU code memory. During the execution, the eTPU micro-engine
fetches the micro-instructions from the code memory.
Figure 1.
eTPU host interface hardware
The eTPU data memory is implemented by using tri-port RAM. It provides for data sharing
between the host and eTPU engines. Both host and eTPU can read and write the eTPU
data memory in any data size (8, 16, 24, and 32 bit). Since the eTPU data bus is 24 bits
wide, it is best to pack together a data word with an 8 bit value and a 24 bit value in order to
reduce data memory utilization. To reduce the overhead of packing and unpacking the data,
a virtual mirror memory space of the normal eTPU data memory has been created. The
virtual memory space is called Parameter Sign Extension (PSE) memory space. When the
host reads the 32-bit data from the PSE memory space, it will return the sign extended 24-
bit data. The conversion is needed if the 24-bit data is unsigned. Similarly, when the host
writes the 32-bit data to the eTPU PSE memory, only the three least significant bytes will be
written to the eTPU data memory. The most significant byte is untouched.


Similar Part No. - AN2618

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26102A PANASONICBATTERY-AN26102A Datasheet
379Kb / 16P
   SiGe Linear Power Amplifier for 2.4 GHz Band Applications
AN26102A PANASONICBATTERY-AN26102A_14 Datasheet
187Kb / 1P
   SiGe Bi-CMOS Monolithic IC, WLCSP PKG Power Amplifi er
logo
Panasonic Semiconductor
AN26112A PANASONIC-AN26112A Datasheet
366Kb / 14P
   VHF/UHF amplifier IC with Path Through mode for TV Applications
logo
STMicroelectronics
AN2612 STMICROELECTRONICS-AN2612 Datasheet
1Mb / 28P
   Single 5-V DC power supply
logo
Panasonic Semiconductor
AN26130A PANASONIC-AN26130A Datasheet
476Kb / 16P
   Loop through Amplifier IC for VHF & UHF Band (40 MHz to 900 MHz) Applications
More results

Similar Description - AN2618

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3348 STMICROELECTRONICS-AN3348 Datasheet
81Kb / 10P
   Porting eTPU code to eTPU compiler
logo
Nanjing Qinheng Microel...
CH370 WCH-CH370 Datasheet
151Kb / 9P
   USB-Host Interface chip
logo
AAEON Technology
NIM-C13B AAEON-NIM-C13B Datasheet
165Kb / 1P
   PCI-Express Host Interface
NIM-S13C AAEON-NIM-S13C Datasheet
168Kb / 1P
   PCI-Express Host Interface
logo
Maxim Integrated Produc...
MAX4948EVKIT MAXIM-MAX4948EVKIT Datasheet
171Kb / 10P
   Powered by Host Interface
Rev 0; 10/07
logo
AAEON Technology
PER-C39L AAEON-PER-C39L Datasheet
212Kb / 1P
   PCI-Express Host Interface
logo
STMicroelectronics
AN3349 STMICROELECTRONICS-AN3349 Datasheet
96Kb / 13P
   eTPU assembly converter
logo
OKI electronic componet...
MSM60802 OKI-MSM60802 Datasheet
2Mb / 39P
   PCMCIA Host Interface Controller
logo
STMicroelectronics
AN3350 STMICROELECTRONICS-AN3350 Datasheet
1Mb / 185P
   eTPU compiler tools
logo
Holt Integrated Circuit...
HI-6137 HOLTIC-HI-6137 Datasheet
5Mb / 230P
   40 MHz SPI Host Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com