Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2622 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2622
Description  TS4909 low power stereo headphone amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2622 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2622 Datasheet HTML 1Page - STMicroelectronics AN2622 Datasheet HTML 2Page - STMicroelectronics AN2622 Datasheet HTML 3Page - STMicroelectronics AN2622 Datasheet HTML 4Page - STMicroelectronics AN2622 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
September 2007
Rev 1
1/5
AN2622
Application note
TS4909 low power stereo headphone amplifier
evaluation board user guidelines
Introduction
This application note concerns the DEMOTS4909 evaluation board, designed to evaluate
the TS4909 low power stereo headphone amplifier with capacitor-less output.
In this document, you will find:
a brief description of the TS4909 audio amplifier
a description of the evaluation board and all of its components
the layout of the evaluation board
About the TS4909
The TS4909 is a stereo audio amplifier designed to drive headphones in portable
applications.
The integrated phantom ground is a circuit topology that eliminates the heavy output
coupling capacitors. This is of primary importance in portable applications where space
constraints are very high. A single-ended configuration is also available, offering even lower
power consumption because the phantom ground can be switched off.
Specially designed for applications requiring low power supplies, the TS4909 is capable of
delivering 52mW of continuous average power into a 32
Ω load with less than 1% THD+N
from a 3V power supply. Pop & click noise during switch-on and switch-off phases is
eliminated thanks to integrated circuitry.
Key features of the TS4909 include:
No output coupling capacitors necessary
Pop & click noise reduction circuitry
Operating from VCC = 2.2V to 5.5V
Standby mode active low
Output power:
– 158mW @5V, into 16
Ω with 1% THD+N max (1kHz)
– 52mW @3.0V into 32
Ω with 1% THD+N max (1kHz)
Ultra low current consumption: 2.0mA typ.@3V
Ultra low standby consumption: 10nA typ.
High signal-to-noise ratio 105dB typ. @5V
High crosstalk immunity: 110dB (F=1kHz)
PSRR: 72dB (F=1kHz), inputs grounded
Low tWU: 50ms in PHG mode, 100ms in SE mode
Available in lead-free DFN10 3x3mm
For complete information about the TS4909, refer to the datasheet.
www.st.com


Similar Part No. - AN2622

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN262 ETC2-AN262 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
STMicroelectronics
AN2620 STMICROELECTRONICS-AN2620 Datasheet
1Mb / 20P
   3 A high-frequency synchronous 900 kHz
AN2621 STMICROELECTRONICS-AN2621 Datasheet
85Kb / 5P
   TS488/9 low power stereo headphone amplifier
logo
Panasonic Battery Group
AN26218A PANASONICBATTERY-AN26218A Datasheet
443Kb / 23P
   UMTS triple band LNA-IC
logo
STMicroelectronics
AN2623 STMICROELECTRONICS-AN2623 Datasheet
1Mb / 25P
   Evaluation board for off-line forward converter based on L5991
More results

Similar Description - AN2622

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
logo
STMicroelectronics
AN2621 STMICROELECTRONICS-AN2621 Datasheet
85Kb / 5P
   TS488/9 low power stereo headphone amplifier
logo
NXP Semiconductors
TDA8559 PHILIPS-TDA8559 Datasheet
264Kb / 32P
   Low-voltage stereo headphone amplifier
1997 Jun 27
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com