Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2722 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2722
Description  Demonstration board user guidelines for the
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2722 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2722 Datasheet HTML 6Page - STMicroelectronics AN2722 Datasheet HTML 7Page - STMicroelectronics AN2722 Datasheet HTML 8Page - STMicroelectronics AN2722 Datasheet HTML 9Page - STMicroelectronics AN2722 Datasheet HTML 10Page - STMicroelectronics AN2722 Datasheet HTML 11Page - STMicroelectronics AN2722 Datasheet HTML 12Page - STMicroelectronics AN2722 Datasheet HTML 13Page - STMicroelectronics AN2722 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TS4601B demonstration software
AN2722
10/16
Figure 6.
TS4601B demonstration software main window
6.
Choose the appropriate COM port from the Port area or click Auto Detect for the
program to select the COM port automatically.
When the Port Status indicator turns to green, the program is ready to send
commands to the TS4601B.
In some rare cases, when auto detect is used, a COM port is chosen (Port Status is
green) but it is not the right one. If this happens, manually force the right COM port by
clicking directly into the Port box.
Note:
The COM port where the device is connected must be in the range of COM1 to COM8. If
this is not the case, change the COM port number in Windows by selecting Start>Control
Panel>System>Hardware>Device Manager.
3.2
Using the TS4601B software
In the main window of the TS4601B demonstration software shown in Figure 6, on the left
side the following features are available.
Mode select buttons
Allow you to select the TS4601B output mode. The diagram located in the middle of the
window summarizes the mode currently selected and shows which inputs and outputs
are active. The indicator located to the right of each output mode lights up when the
mode is active. Figure 7 shows an example of this window when the software is in
operation.
Serial Port selection
Mute buttons
Output Mode
buttons
Read internal
registers menu
Software exit
button
Volume control
cursor
Actual volume
indicator
Internal TS4601
diagram:
changes when
output mode
changes


Similar Part No. - AN2722

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
AN2720S CYPRESS-AN2720S Datasheet
243Kb / 16P
   Single-Chip USB-to-USB Networking Solution
AN2720SC CYPRESS-AN2720SC Datasheet
243Kb / 16P
   Single-Chip USB-to-USB Networking Solution
AN2720SC-01 CYPRESS-AN2720SC-01 Datasheet
243Kb / 16P
   Single-Chip USB-to-USB Networking Solution
AN2720SC-02 CYPRESS-AN2720SC-02 Datasheet
243Kb / 16P
   Single-Chip USB-to-USB Networking Solution
logo
STMicroelectronics
AN2725 STMICROELECTRONICS-AN2725 Datasheet
177Kb / 8P
   a brief description of the TS2012 device
More results

Similar Description - AN2722

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2862 STMICROELECTRONICS-AN2862 Datasheet
164Kb / 7P
   Demonstration board user guidelines for the TS2007FC
AN2995 STMICROELECTRONICS-AN2995 Datasheet
304Kb / 13P
   Demonstration board user guidelines
AN3222 STMICROELECTRONICS-AN3222 Datasheet
633Kb / 18P
   Demonstration board user guidelines
AN4143 STMICROELECTRONICS-AN4143 Datasheet
256Kb / 9P
   Demonstration board user guidelines for the low voltage high bandwidth STG3220 dual SPDT switch
AN2933 STMICROELECTRONICS-AN2933 Datasheet
172Kb / 10P
   Demo board user guidelines for the TS4999 filter-free stereo
logo
Fairchild Semiconductor
TMB2193MS100 FAIRCHILD-TMB2193MS100 Datasheet
167Kb / 24P
   Demonstration Board for the TMC2193
TMC2069P7C FAIRCHILD-TMC2069P7C Datasheet
87Kb / 12P
   Demonstration Board for the TMC3003 DAC
logo
STMicroelectronics
STEVAL-IHI001V1 STMICROELECTRONICS-STEVAL-IHI001V1 Datasheet
125Kb / 4P
   Demonstration board for washing machine user interface based on the ST7LITE49M and STLED316S
logo
Microchip Technology
PICDEMPIC18 MICROCHIP-PICDEMPIC18 Datasheet
1Mb / 38P
   PICDEMPIC18 EXPLORER DEMONSTRATION BOARD USER?셎 GUIDE
2008
logo
STMicroelectronics
AN3028 STMICROELECTRONICS-AN3028 Datasheet
1Mb / 37P
   demonstration board using the VIPer16LN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com