Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH102A-G Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # AH102A-G
Description  Medium Power, High Linearity Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH102A-G Datasheet(HTML) 4 Page - TriQuint Semiconductor

  AH102A-G Datasheet HTML 1Page - TriQuint Semiconductor AH102A-G Datasheet HTML 2Page - TriQuint Semiconductor AH102A-G Datasheet HTML 3Page - TriQuint Semiconductor AH102A-G Datasheet HTML 4Page - TriQuint Semiconductor AH102A-G Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TriQuint Semiconductor, Inc • Phone +1-503-615-9000 • FAX: +1-503-615-8900 • e-mail: info-sales@tqs.com • Web site: www.TriQuint.com
June 2012
AH102A
Medium Power, High Linearity Amplifier
Application Circuit: 1900 / 2140 MHz (AH102A-PCB2000)
Typical RF Performance at 25°°°°C
C=
ID=
56 pF
C1
C=
ID=
1.5 pF
C2
C=
ID=
56 pF
C3
C=
ID=
1e4 pF
C4
C=
ID=
56 pF
C6
L=
ID=
1.8 nH
L1
L=
ID=
15 nH
L2
R=
ID=
0 Ohm
R1
NET="AH102A"
0805
+9 V
Notes:
1. The amplifier should be connected directly to a +9 V regulator; no dropping resistor is required.
2. If no DC signal is present at the input (pin 1), C1 can be removed. The gate (input pin) is internally grounded in the amplifier.
3. R1 is used as a placeholder for a different application circuit. It can be removed from the circuit.
S11 vs. Frequency
-25
-20
-15
-10
-5
0
1.7
1.8
1.9
2
2.1
2.2
Frequency (MHz)
+25 °C
-40 °C
+85 °C
S21 vs. Frequency
10
11
12
13
14
15
1.7
1.8
1.9
2
2.1
2.2
Frequency (MHz)
+25 °C
-40 °C
+85 °C
S22 vs. Frequency
-25
-20
-15
-10
-5
0
1.7
1.8
1.9
2
2.1
2.2
Frequency (MHz)
+25 °C
-40 °C
+85 °C
OIP3 vs. Output Power
frequency=1900MHz
30
35
40
45
50
6
7
8
9
10
11
12
Output Power (dBm)
-40C
+25C
+85C
OIP3 vs. Output Power
frequency= 2140MHz
30
35
40
45
50
6
7
8
9
10
11
Output Power (dBm)
-40C
+25C
+85C
P1dB vs. Frequency
23
24
25
26
27
28
1.7
1.8
1.9
2
2.1
2.2
Frequency (GHz)
+25 °C
-40 °C
+85 °C
ACPR vs. Channel Power
1900 MHz, IS-95, 9 Ch. Fwd, ±885 kHz offset, 30 kHz Meas BW
-70
-60
-50
-40
14
16
18
20
22
Channel Power (dBm)
+25 °C
-40 °C
+85 °C
ACLR vs. Channel Power
2140 MHz, 3GPP W-CDMA, Test Model 1 +64 DPCH, ±5 MHz offset
-60
-55
-50
-45
-40
14
15
16
17
18
19
Channel Power (dBm)
+25 °C
-40 °C
+85 °C
Noise Figure vs. Frequency
0
1
2
3
4
5
1.7
1.8
1.9
2.0
2.1
2.2
Frequency (GHz)
+25 °C
-40 °C
+85 °C
Frequency
1900
2140
Units
Gain
13.6
13.5
dB
Input Return Loss
16
19
dB
Output Return Loss
15
15
dB
Output P1dB
+27
+27
dBm
Output IP3
+45
+44
dBm
IS-95A Ch. Power
@ -45 dBc ACPR
+20
dBm
W-CDMA Ch. Power
@ -45 dBc ACLR
+18.2
dBm
Noise Figure
3.8
3.7
dB
Supply Voltage
+9
V
Supply Current
200
mA


Similar Part No. - AH102A-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH102A-G ETC-AH102A-G Datasheet
235Kb / 6P
   Medium Power, High Linearity Amplifier
logo
WJ Communication. Inc.
AH102A-G WJCI-AH102A-G Datasheet
243Kb / 5P
   Medium Power, High Linearity Amplifier
More results

Similar Description - AH102A-G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH101 WJCI-AH101 Datasheet
372Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH102A ETC-AH102A Datasheet
235Kb / 6P
   Medium Power, High Linearity Amplifier
AH101 ETC-AH101 Datasheet
214Kb / 6P
   Medium Power, High Linearity Amplifier
logo
WJ Communication. Inc.
AH102A WJCI-AH102A Datasheet
243Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH102 ETC-AH102 Datasheet
278Kb / 6P
   Medium Power, High Linearity Amplifier
logo
TriQuint Semiconductor
AH101-G TRIQUINT-AH101-G_15 Datasheet
566Kb / 7P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH201 ETC-AH201 Datasheet
220Kb / 4P
   Medium Power, High Linearity Amplifier
logo
Infineon Technologies A...
BFQ790 INFINEON-BFQ790_17 Datasheet
491Kb / 23P
   High Linearity RF Medium Power Amplifier
Revision 2.0 2017-02-16
logo
Filtronic Compound Semi...
FMA3018QFN FILTRONIC-FMA3018QFN Datasheet
141Kb / 4P
   MEDIUM LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
   High Linearity Amplifier
Rev. 2, 9/2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com