Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH314 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # AH314
Description  2.3-2.9 GHz 2W 5V Linear Driver Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH314 Datasheet(HTML) 7 Page - TriQuint Semiconductor

  AH314_15 Datasheet HTML 1Page - TriQuint Semiconductor AH314_15 Datasheet HTML 2Page - TriQuint Semiconductor AH314_15 Datasheet HTML 3Page - TriQuint Semiconductor AH314_15 Datasheet HTML 4Page - TriQuint Semiconductor AH314_15 Datasheet HTML 5Page - TriQuint Semiconductor AH314_15 Datasheet HTML 6Page - TriQuint Semiconductor AH314_15 Datasheet HTML 7Page - TriQuint Semiconductor AH314_15 Datasheet HTML 8Page - TriQuint Semiconductor AH314_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AH314
2.3-2.9 GHz 2W 5V Linear Driver Amplifier
Pin Description
 
Pin
Symbol
Description
1
Iref 1
Reference current into internal active bias current mirror. Current into Iref sets device
quiescent current. Also, can be used as on/off control. (for amp 1)
2
Vbias1
Voltage supply for active bias for amp 1. Connect to same supply voltage as Vcc1.
4, 5
RFin
RF Input
3, 6, 7, 8, 9, 10,
14, 18, 20
GND/NC
No internal connection. This pin can be grounded or N/C on PCB. Land pads should be
provided for PCB mounting integrity.
11, 12, 13
RFout
RF Output
15
Vcc2
Supply Voltage for Amp2
16
Iref 2
Reference current into internal active bias current mirror. Current into Iref sets device
quiescent current. Also, can be used as on/off control. (for amp 2)
17
Vbias2
Voltage supply for active bias for amp 2. Connect to same supply voltage as Vcc2.
19
Vcc1
Supply Voltage for Amp1
Backside Paddle
GND
RF/DC ground. Ensure good solder attach for best thermal and electrical performance.
Applications Information
PC Board Layout
PCB Material: 0.0147” Rogers Ultralam 2000, single layer,
1 oz Cu,
εr = 2.45 Microstrip line details: width = .042”,
spacing = .050”.
The silkscreen markers ‘A’, ‘B’, ‘C’, etc. and ‘1’, ‘2’, ‘3’,
etc. are used as place markers for critical tuning
components
The pad pattern shown has been developed and tested for
optimized assembly at TriQuint Semiconductor. The PCB
land pattern has been developed to accommodate lead and
package tolerances. Since surface mount processes vary
from company to company, careful process development is
recommended.
For further technical information, Refer to http://www.triquint.com/prodserv/more_info/default.aspx?prod_id=AH314
Data Sheet: Rev A 08/27/10
- 7 of 9 -
Disclaimer: Subject to change without notice
© 2010 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®


Similar Part No. - AH314_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH314-G TRIQUINT-AH314-G Datasheet
321Kb / 6P
   2.3-2.9 GHz WiMAX 2W Driver Amplifier
AH314-PCB TRIQUINT-AH314-PCB Datasheet
321Kb / 6P
   2.3-2.9 GHz WiMAX 2W Driver Amplifier
logo
NANJING AH ELECTRONICS ...
AH3141 AHNJ-AH3141 Datasheet
673Kb / 9P
   Unipolar Type Hall Sensor
AH3142 AHNJ-AH3142 Datasheet
670Kb / 9P
   Unipolar Type Hall Sensor
AH3144 AHNJ-AH3144 Datasheet
667Kb / 9P
   Unipolar Type Hall Sensor
More results

Similar Description - AH314_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314 Datasheet
321Kb / 6P
   2.3-2.9 GHz WiMAX 2W Driver Amplifier
AP561 TRIQUINT-AP561 Datasheet
560Kb / 8P
   2.3-2.9 GHz WiMAX 8W Power Amplifier
logo
Tyco Electronics
MAAPSS0103 MACOM-MAAPSS0103 Datasheet
199Kb / 6P
   High Power Linear Amplifier 2.3 - 2.8 GHz
logo
SIRENZA MICRODEVICES
SZM-2166Z SIRENZA-SZM-2166Z Datasheet
683Kb / 16P
   2.3-2.7GHz 2W Power Amplifier
logo
Analog Devices
ADL5321 AD-ADL5321_1 Datasheet
445Kb / 16P
   2.3 GHz to 4.0 GHz RF Driver Amplifier
REV. 0
ADL5321 AD-ADL5321 Datasheet
196Kb / 9P
   2.3 GHz to 4.0 GHz RF Driver Amplifier
Rev. PrB
logo
Qorvo, Inc
QPA9122 QORVO-QPA9122 Datasheet
990Kb / 12P
   2.3 ??5.0 GHz 0.5 W Driver Amplifier
May 14, 2020
logo
TriQuint Semiconductor
AH315 TRIQUINT-AH315_15 Datasheet
345Kb / 9P
   3.3 ??3.8 GHz WiMAX 2W Driver Amplifier
logo
WJ Communication. Inc.
AH315 WJCI-AH315 Datasheet
321Kb / 5P
   3.3-3.8 GHz WiMAX 2W Driver Amplifier
logo
Qorvo, Inc
TGA2598 QORVO-TGA2598 Datasheet
457Kb / 13P
   6 ??12 GHz 2W GaN Driver Amplifier
December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com