Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH315 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # AH315
Description  3.3 ??3.8 GHz WiMAX 2W Driver Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH315 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  AH315_15 Datasheet HTML 1Page - TriQuint Semiconductor AH315_15 Datasheet HTML 2Page - TriQuint Semiconductor AH315_15 Datasheet HTML 3Page - TriQuint Semiconductor AH315_15 Datasheet HTML 4Page - TriQuint Semiconductor AH315_15 Datasheet HTML 5Page - TriQuint Semiconductor AH315_15 Datasheet HTML 6Page - TriQuint Semiconductor AH315_15 Datasheet HTML 7Page - TriQuint Semiconductor AH315_15 Datasheet HTML 8Page - TriQuint Semiconductor AH315_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AH315
3.3 – 3.8 GHz WiMAX 2W Driver Amplifier
Applications
802.16 WiMAX infrastructure
24-pin 5x5mm leadless QFN SMT package
Product Features
Functional Block Diagram
3.3 – 3.8 GHz
25 dB Gain
EVM <2.5 %@ 25 dBm Pout
Internal Active Bias
+5V Single Supply Voltage
+33 dBm P1dB
RoHS-compliant/Lead-free
5x5 mm QFN SMT package
13
14
15
11
12
3
2
1
5
4
Iref1
Vbias1
GND / NC
RF In
RF In
Vcc2
GND / NC
RF Out
RF Out
RF Out
General Description
Pin Configuration
The AH315 is a high dynamic range broadband driver
amplifier in a surface mount package. The two-stage
amplifier has 25 dB of gain, while achieving +25 dBm of
linear output power for 3.3–3.8 GHz WiMAX/WiBro
applications.
AH315 uses a high reliability +5V InGaP/GaAs HBT
process technology. The device incorporates proprietary
bias circuitry to compensate for variations in linearity and
current draw over temperature. The device does not require
any negative bias voltage; an internal active bias allows the
AH315 to operate directly off a commonly used single
+5V supply. The RoHS-compliant/Lead-free 5x5mm QFN
package is surface mountable to allow for low
manufacturing costs to the end user.
The AH315 is targeted for use in a configuration for the
driver stage amplifier in 802.16 WiMAX base stations
where high linearity and medium power is required.
Ordering Information
Part No.
Description
AH315-G
3.3 – 3.8 GHz WiMAX 2W Driver Amp
AH315-PCB
3.4 – 3.6 GHz Evaluation Board
Standard T/R size
= 1000 pieces on a 7” reel.
Pin No.
Function
1
Iref 1
2
Vbias1
4, 5
RFin
3, 6, 7, 8, 9, 10, 14, 18, 20
GND/NC
11, 12, 13
RFout
15
Vcc2
16
Iref 2
17
Vbias2
19
Vcc1
Backside Paddle
GND
Data Sheet: Rev A 09/02/10
- 1 of 9 -
Disclaimer: Subject to change without notice
© 2010 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®


Similar Part No. - AH315_15

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH315-PCB WJCI-AH315-PCB Datasheet
321Kb / 5P
   3.3-3.8 GHz WiMAX 2W Driver Amplifier
More results

Similar Description - AH315_15

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH315 WJCI-AH315 Datasheet
321Kb / 5P
   3.3-3.8 GHz WiMAX 2W Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003_15 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier
logo
TriQuint Semiconductor
AP562 TRIQUINT-AP562_15 Datasheet
503Kb / 8P
   3.3-3.8 GHz WiMAX 8W Power Amplifier
logo
Broadcom Corporation.
MGA-23003 BOARDCOM-MGA-23003 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier (3x3mm)
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314 Datasheet
321Kb / 6P
   2.3-2.9 GHz WiMAX 2W Driver Amplifier
logo
ANADIGICS, Inc
AWT6283R ANADIGICS-AWT6283R Datasheet
485Kb / 10P
   3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003 Datasheet
223Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifi er (3x3mm)
logo
ANADIGICS, Inc
AWM6431 ANADIGICS-AWM6431 Datasheet
218Kb / 12P
   3.5-3.8 GHz WiMAX PowerAmplifier Module
logo
Tyco Electronics
MAAPSS0104 MACOM-MAAPSS0104 Datasheet
137Kb / 5P
   High Power Linear Amplifier 3.3 - 3.8 GHz
logo
Stealth Microwave, Inc.
SMTR3338-43L STEALTH_MICROWAVE-SMTR3338-43L Datasheet
148Kb / 5P
   3.3-3.8 GHz Bi-Directional Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com