Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH323-PCB2140 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # AH323-PCB2140
Description  2W High Linearity 5V 2-Stage Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH323-PCB2140 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  AH323-PCB2140 Datasheet HTML 1Page - TriQuint Semiconductor AH323-PCB2140 Datasheet HTML 2Page - TriQuint Semiconductor AH323-PCB2140 Datasheet HTML 3Page - TriQuint Semiconductor AH323-PCB2140 Datasheet HTML 4Page - TriQuint Semiconductor AH323-PCB2140 Datasheet HTML 5Page - TriQuint Semiconductor AH323-PCB2140 Datasheet HTML 6Page - TriQuint Semiconductor AH323-PCB2140 Datasheet HTML 7Page - TriQuint Semiconductor AH323-PCB2140 Datasheet HTML 8Page - TriQuint Semiconductor AH323-PCB2140 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AH323
2W High Linearity 5V 2-Stage Amplifier
Datasheet: Rev G 06-22-14
- 4 of 17 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Performance Plots 700-800 MHz
Test conditions unless otherwise noted:
VCC = VPD = +5V, Temp= +25°C, ICQ=700 mA (typ.)
28
29
30
31
32
33
700
720
740
760
780
800
Frequency (MHz)
Gain vs. Frequency
Temp.=+25°C
-25
-20
-15
-10
-5
0
700
720
740
760
780
800
Frequency (MHz)
Return Loss vs. Frequency
Output RL
Input RL
Temp.=+25°C
29
30
31
32
33
34
35
700
720
740
760
780
800
Frequency (MHz)
P1dB vs. Frequency
Temp.=+25°C
40
45
50
55
20
21
22
23
24
25
26
Pout/tone (dBm)
OIP3 vs. Pout/tone over Frequency
800 MHz
750 MHz
700 MHz
Temp.=+25°C
-65
-60
-55
-50
-45
-40
19
20
21
22
23
24
25
Pout (dBm)
ACLR vs. Pout over Frequency
3GPP WCDMA, TM1+64DPCH,
5MHz Offset, 25 C,
PAR = 9.6 dB @ 0.1% Prob.
Temp.=+25°C
800 MHz
750 MHz
700 MHz


Similar Part No. - AH323-PCB2140

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3231Q DIODES-AH3231Q Datasheet
2Mb / 19P
   TWO-WIRE AUTOMOTIVE HALL EFFECT UNIPOLAR / LATCH SWITCHES
November 2022 Rev. 5 - 2
AH3231Q-P-A DIODES-AH3231Q-P-A Datasheet
2Mb / 19P
   TWO-WIRE AUTOMOTIVE HALL EFFECT UNIPOLAR / LATCH SWITCHES
November 2022 Rev. 5 - 2
AH3231Q-P-B DIODES-AH3231Q-P-B Datasheet
2Mb / 19P
   TWO-WIRE AUTOMOTIVE HALL EFFECT UNIPOLAR / LATCH SWITCHES
November 2022 Rev. 5 - 2
AH3231Q-W-7 DIODES-AH3231Q-W-7 Datasheet
2Mb / 19P
   TWO-WIRE AUTOMOTIVE HALL EFFECT UNIPOLAR / LATCH SWITCHES
November 2022 Rev. 5 - 2
AH3232Q DIODES-AH3232Q Datasheet
2Mb / 19P
   TWO-WIRE AUTOMOTIVE HALL EFFECT UNIPOLAR / LATCH SWITCHES
November 2022 Rev. 5 - 2
More results

Similar Description - AH323-PCB2140

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BMT333 BEREX-BMT333 Datasheet
1Mb / 20P
   1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT332 BEREX-BMT332 Datasheet
2Mb / 25P
   700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT332 BEREX-BMT332_18 Datasheet
2Mb / 25P
   700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT333 BEREX-BMT333_18 Datasheet
1Mb / 20P
   1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
logo
Qorvo, Inc
TQP7M9104 QORVO-TQP7M9104 Datasheet
808Kb / 17P
   2W High-Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9104 TRIQUINT-TQP7M9104_15 Datasheet
730Kb / 13P
   2W High Linearity Amplifier
TQP7M9104 TRIQUINT-TQP7M9104 Datasheet
730Kb / 13P
   2W High Linearity Amplifier
logo
BeRex Corporation
BMT352 BEREX-BMT352_18 Datasheet
1Mb / 22P
   3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT352 BEREX-BMT352_16 Datasheet
1Mb / 22P
   3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT321 BEREX-BMT321_16 Datasheet
2Mb / 23P
   0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com