Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGBF20 Datasheet(PDF) 6 Page - International Rectifier

Part # IRGBF20
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vce=900V, @Vge=15V, Ic=5.3A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGBF20 Datasheet(HTML) 6 Page - International Rectifier

  IRGBF20 Datasheet HTML 1Page - International Rectifier IRGBF20 Datasheet HTML 2Page - International Rectifier IRGBF20 Datasheet HTML 3Page - International Rectifier IRGBF20 Datasheet HTML 4Page - International Rectifier IRGBF20 Datasheet HTML 5Page - International Rectifier IRGBF20 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
C-242
IRGBF20F
Fig. 12 - Turn-Off SOA
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
0 .0
1 .0
2 .0
3 .0
4 .0
0
2
4
6
8
1 0
1 2
C
I
, C ollecto r-to-E m itter C urrent (A )
R
= 5 0
T
= 1 50°C
V
= 72 0V
V
= 1 5V
G
C
C C
G E
0 .1
1
1 0
1 0 0
1
1 0
1 0 0
1 0 0 0
C E
G E
V
, C o lle cto r-to -E m itte r V o lta g e (V )
S A F E O P E R A T IN G A R E A
V
= 20 V
T
= 12 5°C
G E
J
Refer to Section D for the following:
Appendix F: Section D - page D-8
Fig. 13a - Clamped Inductive Load Test Circuit
Fig. 13b - Pulsed Collector Current Test Circuit
Fig. 14a - Switching Loss Test Circuit
Fig. 14b - Switching Loss Waveform
Package Outline 1 - JEDEC Outline TO-220AB
Section D - page D-12
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRGBF20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGBF20F IRF-IRGBF20F Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
More results

Similar Description - IRGBF20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPF20F IRF-IRGPF20F Datasheet
260Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V, @Vge=15V, Ic=5.3A)
IRGBF30F IRF-IRGBF30F Datasheet
253Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V, @Vge=15V, Ic=11A)
IRGPF50F IRF-IRGPF50F Datasheet
261Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V, @Vge=15V, Ic=28A)
IRGPF30F IRF-IRGPF30F Datasheet
256Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V, @Vge=15V, Ic=11A)
IRGPF40F IRF-IRGPF40F Datasheet
259Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V,@Vge=15V, Ic=17A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC30W IRF-IRG4BC30W Datasheet
139Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
IRG4BC40U IRF-IRG4BC40U Datasheet
169Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
IRG4PC40U IRF-IRG4PC40U Datasheet
148Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
IRG4PC50F IRF-IRG4PC50F Datasheet
146Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com