Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP561-PCB2140 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # AP561-PCB2140
Description  0.7-2.9 GHz 8W HBT Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AP561-PCB2140 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  AP561-PCB2140 Datasheet HTML 1Page - TriQuint Semiconductor AP561-PCB2140 Datasheet HTML 2Page - TriQuint Semiconductor AP561-PCB2140 Datasheet HTML 3Page - TriQuint Semiconductor AP561-PCB2140 Datasheet HTML 4Page - TriQuint Semiconductor AP561-PCB2140 Datasheet HTML 5Page - TriQuint Semiconductor AP561-PCB2140 Datasheet HTML 6Page - TriQuint Semiconductor AP561-PCB2140 Datasheet HTML 7Page - TriQuint Semiconductor AP561-PCB2140 Datasheet HTML 8Page - TriQuint Semiconductor AP561-PCB2140 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP561-F
0.7-2.9 GHz 8W HBT Power Amplifier
Datasheet: Rev B 09-17-13
-
1 of 17 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Applications
 Small Cells / Repeaters / DAS
 3G / 4G Wireless Infrastructure
 Wireless Backhaul
 Portable Radios
 LTE / WCDMA / CDMA
14 Pin 5x6 mm DFN Package
Functional Block Diagram
ACTIVE
BIAS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
PIN_Vbias
NC
PIN_Vpd
NC
NC
NC
NC
NC
RFin
RFin
RFin
RFout/ Vcc
Rfout/ Vcc
Rfout/ Vcc
Pin 1 Reference Mark
Backside Paddle - RF/DC GND
Pin Configuration
Pin No.
Label
1
PIN_VBIAS
2, 3, 7, 8, 12, 13
N/C
4, 5, 6
RF IN
9, 10, 11
RF Output / VCC
14
PIN_VPD
Backside paddle
RF / DC GND
General Description
The AP561 is a high dynamic range broadband power
amplifier in a surface mount package. The single-stage
amplifier has 13 dB Gain, while being able to achieve
high performance for 0.7–2.9 GHz applications with up
to +39 dBm of compressed 1dB power.
The AP561 uses a high reliability +12V InGaP/GaAs
HBT process technology.
The device incorporates
proprietary bias circuitry to compensate for variations in
linearity and current draw over temperature. The device
does not require any negative bias voltage; an internal
active bias allows the AP561 to operate directly off a
commonly used +12V supply and has the added feature
of a +5V power down control pin.
RoHS-compliant
5x6mm DFN package is surface mountable to allow for
low manufacturing costs to the end user.
Product Features
 700-2900 MHz
 +39 dBm P1dB
 +12 V Supply Voltage
 -50 dBc ACLR @ 28dBm Pout
 1.5% EVM @ 30 dBm Pout
 13 dB Gain @ 2.6GHz
 Fast Shut-Down Capability
 Internal Active Bias and Temp Compensation
 Lead-free / RoHS-compliant
Ordering Information
Part No.
Description
AP561-F
0.7-2.9 GHz 12V 8W Power Amplifier
AP561-PCB900
869-894 MHz Evaluation Board
AP561-PCB2140
2110-2170 MHz Evaluation Board
AP561-PCB2500
2.5-2.7 GHz Evaluation Board
Standard T/R size = 1000 pieces on a 7” reel


Similar Part No. - AP561-PCB2140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AP561-PCB2500 TRIQUINT-AP561-PCB2500 Datasheet
560Kb / 8P
   2.3-2.9 GHz WiMAX 8W Power Amplifier
AP561-PCB2500 TRIQUINT-AP561-PCB2500 Datasheet
1Mb / 15P
   0.7-2.9 GHz WiMAX 8W Power Amplifier
More results

Similar Description - AP561-PCB2140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AP561 TRIQUINT-AP561_09 Datasheet
1Mb / 15P
   0.7-2.9 GHz WiMAX 8W Power Amplifier
AP561 TRIQUINT-AP561 Datasheet
560Kb / 8P
   2.3-2.9 GHz WiMAX 8W Power Amplifier
logo
Mimix Broadband
CHV2720-QJ MIMIX-CHV2720-QJ Datasheet
553Kb / 8P
   2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
CHV2721-QJ MIMIX-CHV2721-QJ Datasheet
404Kb / 6P
   3.3-3.6 GHz InGaP HBT 8W Linear Power Amplifier
logo
Hittite Microwave Corpo...
HMC789ST89E HITTITE-HMC789ST89E Datasheet
427Kb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
HMC314 HITTITE-HMC314 Datasheet
245Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC314 HITTITE-HMC314_02 Datasheet
255Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC789ST89E HITTITE-HMC789ST89E_10 Datasheet
1Mb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
HMC314 HITTITE-HMC314_10 Datasheet
193Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
logo
WJ Communication. Inc.
AP513 WJCI-AP513 Datasheet
311Kb / 5P
   DCS-band 8W HBT Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com