Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLY5 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # CLY5
Description  High Power GaAs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

CLY5 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  CLY5_15 Datasheet HTML 1Page - TriQuint Semiconductor CLY5_15 Datasheet HTML 2Page - TriQuint Semiconductor CLY5_15 Datasheet HTML 3Page - TriQuint Semiconductor CLY5_15 Datasheet HTML 4Page - TriQuint Semiconductor CLY5_15 Datasheet HTML 5Page - TriQuint Semiconductor CLY5_15 Datasheet HTML 6Page - TriQuint Semiconductor CLY5_15 Datasheet HTML 7Page - TriQuint Semiconductor CLY5_15 Datasheet HTML 8Page - TriQuint Semiconductor CLY5_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CLY5
High Power GaAs FET
Applications
• Test and Measurement Equipment
• Defense Communications
• General Purpose Wireless
Product Features
• 400
 – 2500 MHz Operating Range
Wide Operating Voltage Range: +2.7 V to +6 V
POUT=+26.5 dBm at VD=+3 V, f=1.8 GHz
• High Efficiency: >55 %
General Description
The CLY5 is a high-breakdown voltage GaAs FET
designed for power amplifier applications in the 400 MHz
to 2.5 GHz frequency range.
Excellent linearity and
easy impedance matching make this device an ideal
choice for portable PA applications in mobile phones and
WLAN transceivers. The CLY5 provides +26.5 dBm
output power, with an associated gain of 9.5 dB, at 1.8
GHz and VDS=+3
 V. Power added efficiencies to 55%
are achievable.
The CLY5 is housed in an industry-standard lead-
free
 / green / RoHS-compliant SOT-223 package.
4 Pin SOT-223 Package
Functional Block Diagram
Gate
Drain
Source
2
1
3
4
Source
Ordering Information
Part No.
Description
CLY5
High Power GaAs FET
Standard T/R size = 1000 pieces on a 13” reel.
Pin Configuration
Pin No.
Label
1
Gate
2, 4
Source
3
Drain
Datasheet: Rev G 08-29-14
- 1 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - CLY5_15

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CLY5 SIEMENS-CLY5 Datasheet
86Kb / 8P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
More results

Similar Description - CLY5_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF1601B-01 MITSUBISHI-MGF1601B-01 Datasheet
288Kb / 4P
   High-power GaAs FET
logo
Advanced Semiconductor
MSC8001 ASI-MSC8001 Datasheet
18Kb / 1P
   HIGH POWER GaAs FET
MSC8004 ASI-MSC8004 Datasheet
18Kb / 1P
   HIGH POWER GaAs FET
logo
Eudyna Devices Inc
FLL400IK-2 EUDYNA-FLL400IK-2 Datasheet
61Kb / 3P
   High Voltage - High Power GaAs FET
FLL21E010MK EUDYNA-FLL21E010MK Datasheet
308Kb / 6P
   High Voltage - High Power GaAs FET
logo
List of Unclassifed Man...
FLC317MG-4 ETC1-FLC317MG-4 Datasheet
481Kb / 5P
   High Voltage - High Power GaAs FET
logo
Eudyna Devices Inc
FLL21E040IK EUDYNA-FLL21E040IK Datasheet
371Kb / 6P
   High Voltage - High Power GaAs FET
FLL21E180IU EUDYNA-FLL21E180IU Datasheet
155Kb / 6P
   High Voltage - High Power GaAs FET
FLL21E004ME EUDYNA-FLL21E004ME Datasheet
252Kb / 6P
   High Voltage - High Power GaAs FET
FLL21E090IK EUDYNA-FLL21E090IK Datasheet
338Kb / 6P
   High Voltage - High Power GaAs FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com