Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMY210 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # CMY210
Description  Ultra-Linear Mixer with Integrated LO Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

CMY210 Datasheet(HTML) 7 Page - TriQuint Semiconductor

  CMY210 Datasheet HTML 1Page - TriQuint Semiconductor CMY210 Datasheet HTML 2Page - TriQuint Semiconductor CMY210 Datasheet HTML 3Page - TriQuint Semiconductor CMY210 Datasheet HTML 4Page - TriQuint Semiconductor CMY210 Datasheet HTML 5Page - TriQuint Semiconductor CMY210 Datasheet HTML 6Page - TriQuint Semiconductor CMY210 Datasheet HTML 7Page - TriQuint Semiconductor CMY210 Datasheet HTML 8Page - TriQuint Semiconductor CMY210 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CMY 210 Datasheet
________________________________________________________________________________________________________
For additional information and latest specifications, see our website: www.triquint.com
8
Revision E, September 12, 2006
Electrical Characteristics (cont)
0
0.5
1.0
1.5
2.0
2.5
GHz
fLO
LO-Leakage at Port 1, 6 PLO1,6 = f (fLO)
PLO = 0dBm
VDD = 3V
PLO1,6
dBm
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
0
1
234
567
8
9
10
VDD
V
Iop
mA
0
2
4
6
8
10
12
14
16
18
20
Operating Current Iop = f (VDD)
PLO = 0dBm
fLO = 1500MHz


Similar Part No. - CMY210

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CMY210 INFINEON-CMY210 Datasheet
156Kb / 10P
   GaAs Components
2001-01-01
More results

Similar Description - CMY210

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CMY213 TRIQUINT-CMY213_15 Datasheet
286Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY212 TRIQUINT-CMY212_15 Datasheet
283Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY212 TRIQUINT-CMY212 Datasheet
166Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
logo
Guerrilla RF, Inc.
GRF7001 GUERRILLA-GRF7001 Datasheet
1Mb / 13P
   High Linearity Mixer with Integrated LO Buffer
05/27/21
logo
M/A-COM Technology Solu...
XR1011-QH MA-COM-XR1011-QH_16 Datasheet
871Kb / 8P
   Integrated LNA, Mixer and LO Buffer Amplifier
XR1020-QH MA-COM-XR1020-QH Datasheet
795Kb / 7P
   Integrated LNA, Mixer and LO Buffer Amplifier
XR1015-QH MA-COM-XR1015-QH_16 Datasheet
1Mb / 10P
   Integrated LNA, Mixer and LO Buffer Amplifier
logo
Lucky Light Electronic
PE4150 LUCKY-LIGHT-PE4150_15 Datasheet
579Kb / 10P
   Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Peregrine Semiconductor...
PE4150 PEREGRINE-PE4150_15 Datasheet
579Kb / 10P
   Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Peregrine Semiconductor
PE4151 PSEMI-PE4151 Datasheet
815Kb / 15P
   Low Frequency Passive Mixer with Integrated LO Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com