Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP420U Datasheet(PDF) 4 Page - International Rectifier

Part # IRGP420U
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=7.5A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP420U Datasheet(HTML) 4 Page - International Rectifier

  IRGP420U Datasheet HTML 1Page - International Rectifier IRGP420U Datasheet HTML 2Page - International Rectifier IRGP420U Datasheet HTML 3Page - International Rectifier IRGP420U Datasheet HTML 4Page - International Rectifier IRGP420U Datasheet HTML 5Page - International Rectifier IRGP420U Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
C-596
Fig. 5 - Collector-to-Emitter Voltage vs.
Case Temperature
Fig. 4 - Maximum Collector Current vs.
Case Temperature
IRGP420U
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
0
3
6
9
1 2
1 5
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
T
, C ase T em perature (°C )
C
V
= 15 V
G E
1 .0
1 .5
2 .0
2 .5
3 .0
3 .5
4 .0
4 .5
-6 0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
1 0 0 1 2 0 1 4 0 1 6 0
T
, C ase T em perature (°C )
C
V
= 1 5V
8 0µ s P U LS E W ID TH
G E
I
= 1 5 A
I
= 7.5 A
I
= 4.0A
C
C
C
0 .0 1
0 .1
1
1 0
0 .0 0 0 0 1
0 .0 0 0 1
0 .0 0 1
0 .0 1
0 .1
1
1 0
t
, R e c ta n gu la r P u ls e D ura tio n (s e c )
1
D = 0 .5 0
0 .0 1
0 .0 2
0 .0 5
0 .1 0
0 .2 0
S IN G L E P U L S E
(T H E R M A L R E S P O N S E )
P
t 2
1
t
D M
N o te s:
1 . D u ty fa c to r D = t
/ t
2 . P e a k T = P
x Z
+ T
1
2
J
D M
th J C
C
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRGP420U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP420U IRF-IRGP420U Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
More results

Similar Description - IRGP420U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB420U IRF-IRGB420U Datasheet
253Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=7.5A)
IRGB440U IRF-IRGB440U Datasheet
252Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=22A)
IRGP440U IRF-IRGP440U Datasheet
254Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=22A)
IRGB430U IRF-IRGB430U Datasheet
253Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=15A)
IRGP450U IRF-IRGP450U Datasheet
260Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=33A)
IRGP430U IRF-IRGP430U Datasheet
256Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=15A)
IRGB420UD2 IRF-IRGB420UD2 Datasheet
428Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=500V, @Vge=15V,Ic=7.5A)
IRGBC20S IRF-IRGBC20S Datasheet
274Kb / 7P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=10A)
IRGBC30U IRF-IRGBC30U Datasheet
244Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=12A)
IRGPH40M IRF-IRGPH40M Datasheet
84Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=18A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com