Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2G4003532-FS Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # T2G4003532-FS
Description  30W, 32V DC 3.5 GHz, GaN RF Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T2G4003532-FS Datasheet(HTML) 1 Page - TriQuint Semiconductor

  T2G4003532-FS_15 Datasheet HTML 1Page - TriQuint Semiconductor T2G4003532-FS_15 Datasheet HTML 2Page - TriQuint Semiconductor T2G4003532-FS_15 Datasheet HTML 3Page - TriQuint Semiconductor T2G4003532-FS_15 Datasheet HTML 4Page - TriQuint Semiconductor T2G4003532-FS_15 Datasheet HTML 5Page - TriQuint Semiconductor T2G4003532-FS_15 Datasheet HTML 6Page - TriQuint Semiconductor T2G4003532-FS_15 Datasheet HTML 7Page - TriQuint Semiconductor T2G4003532-FS_15 Datasheet HTML 8Page - TriQuint Semiconductor T2G4003532-FS_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
T2G4003532-FS
30W, 32V DC – 3.5 GHz, GaN RF Power Transistor
Datasheet: Rev - 12-30-13
- 1 of 13 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Applications
• Military radar
• Civilian radar
• Professional and military radio communications
• Test instrumentation
• Wideband or narrowband amplifiers
• Jammers
Ordering Information
Part
ECCN
Description
T2G4003532-FS
EAR99
Packaged part
Flangeless
T2G4003532-
FS/FL-EVB1
EAR99
2.7-3.5 GHz
Evaluation Board
Product Features
• Frequency: DC to 3.5 GHz
• Output Power (P3dB): 28 W at 3.5 GHz
• Linear Gain: >16 dB at 3.5 GHz
• Operating Voltage: 32 V
• Low thermal resistance package
Functional Block Diagram
Pin Configuration
Pin No.
Label
1
VD / RF OUT
2
VG / RF IN
Flange
Source
General Description
The TriQuint T2G4003532-FS is a 30 W (P3dB) discrete
GaN on SiC HEMT which operates from DC to 3.5 GHz.
The device is constructed with TriQuint’s proven
TQGaN25 process, which features advanced field plate
techniques to optimize power and efficiency at high drain
bias
operating
conditions.
This
optimization
can
potentially lower system costs in terms of fewer amplifier
line-ups and lower thermal management costs.
Lead-free and ROHS compliant
Evaluation boards are available upon request.


Similar Part No. - T2G4003532-FS_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T2G4003532-FS TRIQUINT-T2G4003532-FS Datasheet
990Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
More results

Similar Description - T2G4003532-FS_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T2G4003532-FL TRIQUINT-T2G4003532-FL_15 Datasheet
990Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T1G4003532-FL TRIQUINT-T1G4003532-FL_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
T1G4003532-FS TRIQUINT-T1G4003532-FS_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
T1G4004532-FL TRIQUINT-T1G4004532-FL_15 Datasheet
1Mb / 13P
   45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
T1G4004532-FS TRIQUINT-T1G4004532-FS_15 Datasheet
1Mb / 13P
   45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
TGF3021-SM TRIQUINT-TGF3021-SM_15 Datasheet
2Mb / 33P
   30W, 32V, 0.03 ??4 GHz, GaN RF Transistor
T1G6001032-SM TRIQUINT-T1G6001032-SM_15 Datasheet
1Mb / 13P
   10W, 32V, DC 6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
QPD1022 QORVO-QPD1022 Datasheet
2Mb / 22P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
February 2022
logo
TriQuint Semiconductor
T1G3000532-SM TRIQUINT-T1G3000532-SM_15 Datasheet
1Mb / 21P
   5W, 32V, 0.03 ??3.5 GHz, GaN RF Input-Matched Transistor
QPD1022 TRIQUINT-QPD1022 Datasheet
2Mb / 23P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com