Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2G6001528-Q3 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # T2G6001528-Q3
Description  18W, 28V, DC 6 GHz, GaN RF Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T2G6001528-Q3 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  T2G6001528-Q3_15 Datasheet HTML 1Page - TriQuint Semiconductor T2G6001528-Q3_15 Datasheet HTML 2Page - TriQuint Semiconductor T2G6001528-Q3_15 Datasheet HTML 3Page - TriQuint Semiconductor T2G6001528-Q3_15 Datasheet HTML 4Page - TriQuint Semiconductor T2G6001528-Q3_15 Datasheet HTML 5Page - TriQuint Semiconductor T2G6001528-Q3_15 Datasheet HTML 6Page - TriQuint Semiconductor T2G6001528-Q3_15 Datasheet HTML 7Page - TriQuint Semiconductor T2G6001528-Q3_15 Datasheet HTML 8Page - TriQuint Semiconductor T2G6001528-Q3_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
T2G6001528-Q3
18W, 28V, DC – 6 GHz, GaN RF Power Transistor
Datasheet: Rev B 12-30-13
- 3 of 13 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
RF Characterization – Performance at 5.2 GHz
(1, 2)
Test conditions unless otherwise noted: TA = 25 °C, VD = 28 V, IDQ = 50 mA
Symbol Parameter
Min
Typical
Max
Units
GLIN
Linear Gain
10.5
dB
P3dB
Output Power at 3 dB Gain Compression
17.3
W
DE3dB
Drain Efficiency at 3 dB Gain Compression
48.0
%
G3dB
Gain at 3 dB Compression
7.5
dB
Notes:
1. Performance at 5.2 GHz in the 5.0 to 6.0 GHz Evaluation Board
2. VDS = 28 V, IDQ = 50 mA; Pulse: 100µs, 20%
RF Characterization – Narrow Band Performance at 3.50 GHz
(1)
Test conditions unless otherwise noted: TA = 25 °C, VD = 28 V, IDQ = 50 mA
Symbol Parameter
Typical
VSWR
Impedance Mismatch Ruggedness
10:1
Notes:
1. VDS = 28 V, IDQ = 50 mA, CW at P1dB


Similar Part No. - T2G6001528-Q3_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
T2G6001528-Q3-EVB1 QORVO-T2G6001528-Q3-EVB1 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
T2G6001528-Q3-EVB2 QORVO-T2G6001528-Q3-EVB2 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
T2G6001528-Q3EVB1 QORVO-T2G6001528-Q3EVB1 Datasheet
2Mb / 16P
   18 W, 28 V, DC – 6.0 GHz, GaN Power Transistor
December 2021
T2G6001528-Q3EVB2 QORVO-T2G6001528-Q3EVB2 Datasheet
2Mb / 16P
   18 W, 28 V, DC – 6.0 GHz, GaN Power Transistor
December 2021
T2G6001528-Q3 QORVO-T2G6001528-Q3_V01 Datasheet
2Mb / 16P
   18 W, 28 V, DC – 6.0 GHz, GaN Power Transistor
December 2021
More results

Similar Description - T2G6001528-Q3_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
T2G6001528-Q3 QORVO-T2G6001528-Q3 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T1G6003028-FS TRIQUINT-T1G6003028-FS_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T2G6003028-FS TRIQUINT-T2G6003028-FS_15 Datasheet
778Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
T2G6001528-SG TRIQUINT-T2G6001528-SG Datasheet
6Mb / 18P
   15W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6003028-FS QORVO-T2G6003028-FS Datasheet
2Mb / 21P
   30W, 28V DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T1G6003028-FS TRIQUINT-T1G6003028-FS Datasheet
1Mb / 13P
   30W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
T2G6003028-FL TRIQUINT-T2G6003028-FL_15 Datasheet
1,017Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3_15 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6003028-FL TRIQUINT-T1G6003028-FL_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com