Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A11210SP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R2A11210SP
Description  Bus Interface Driver/Receiver IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A11210SP Datasheet(HTML) 3 Page - Renesas Technology Corp

  R2A11210SP_15 Datasheet HTML 1Page - Renesas Technology Corp R2A11210SP_15 Datasheet HTML 2Page - Renesas Technology Corp R2A11210SP_15 Datasheet HTML 3Page - Renesas Technology Corp R2A11210SP_15 Datasheet HTML 4Page - Renesas Technology Corp R2A11210SP_15 Datasheet HTML 5Page - Renesas Technology Corp R2A11210SP_15 Datasheet HTML 6Page - Renesas Technology Corp R2A11210SP_15 Datasheet HTML 7Page - Renesas Technology Corp R2A11210SP_15 Datasheet HTML 8Page - Renesas Technology Corp R2A11210SP_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
REJ03F0284-0100 Rev.1.00 Apr 24, 2008
Page 1 of 23
TS16949-Applied (Q1B Grade)
R2A11210SP
Bus Interface Driver/Receiver IC
REJ03F0284-0100
Rev.1.00
Apr 24, 2008
Description
The R2A11210SP is developed to be used as a bus interface driver/receiver IC in automotive audio equipment
controllers. It implements a two-wire serial bus.
Functions
• Two-input OR circuit
• Input comparator circuit (3.3 V and 5.0 V available)
• Current output driver circuit
• Receiver input comparator circuit
• Receiver output circuit (Open-collector output)
• Standby circuit
Features
• Supports two data inputs (Pins 1 and 3 are the input pins)
• Comparators with hysteresis characteristics are adopted for the inputs (3.3 V and 5.0 V available)
• Current drive output drivers adopted (Output current: 3.8 mA typical)
• Comparators with hysteresis characteristics are adopted for the receivers
• Wide receiver common-mode input operating range (Common-mode input operating range: 0 to 5 V typical)
• The driver output /the receiver input (pins 5 and 6) can withstand high voltages (Maximum ratings of 18 V)
• Standby functions (standby mode when pin 8 becomes low level)
• Operating power-supply voltage range of 5 V ± 0.5 V
Block Diagram
+
+
7
1
3
S2
S1
COM
8
STB
BIAS
Driver output
(current)
2
R
Receiver
output
4
6
5
VCC
BUS(+)
BUS(–)


Similar Part No. - R2A11210SP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A11210SP RENESAS-R2A11210SP Datasheet
210Kb / 26P
   Bus Interface Driver/Receiver IC
Apr 24, 2008
More results

Similar Description - R2A11210SP_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12187FP HITACHI-HA12187FP Datasheet
105Kb / 23P
   Bus Interface Driver/Receiver IC
logo
Renesas Technology Corp
CCA1224 RENESAS-CCA1224 Datasheet
972Kb / 13P
   Bus Interface IC (Driver, Receiver)
31-Oct-2019
HA12187FP RENESAS-HA12187FP Datasheet
249Kb / 22P
   Bus Interface Driver/Receiver IC
HA12240FP RENESAS-HA12240FP Datasheet
163Kb / 24P
   Bus Interface Driver/Receiver IC
logo
Dialog Semiconductor
CCA1224 DIALOG-CCA1224 Datasheet
866Kb / 12P
   Bus Interface IC (Driver, Receiver)
logo
Renesas Technology Corp
R2A11210SP RENESAS-R2A11210SP Datasheet
210Kb / 26P
   Bus Interface Driver/Receiver IC
Apr 24, 2008
HA12240FP RENESAS-HA12240FP_15 Datasheet
186Kb / 26P
   Bus Interface Driver/Receiver IC
logo
Allegro MicroSystems
2470 ALLEGRO-2470 Datasheet
53Kb / 4P
   BUS DRIVER / RECEIVER
logo
Vishay Siliconix
SI9200 VISHAY-SI9200 Datasheet
121Kb / 6P
   CAN Bus Driver and Receiver
Rev. D, 16-May-11
logo
Fairchild Semiconductor
DM74AS240 FAIRCHILD-DM74AS240 Datasheet
56Kb / 5P
   3-STATE Bus Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com