Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2528 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2528
Description  Very wide input voltage range 6 W SMPS for metering
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2528 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2528 Datasheet HTML 2Page - STMicroelectronics AN2528 Datasheet HTML 3Page - STMicroelectronics AN2528 Datasheet HTML 4Page - STMicroelectronics AN2528 Datasheet HTML 5Page - STMicroelectronics AN2528 Datasheet HTML 6Page - STMicroelectronics AN2528 Datasheet HTML 7Page - STMicroelectronics AN2528 Datasheet HTML 8Page - STMicroelectronics AN2528 Datasheet HTML 9Page - STMicroelectronics AN2528 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Flyback stage design
AN2528
6/21
2
Flyback stage design
Well known to all SMPS designers, the voltage stress on the device (power switch) is given
by:
Equation 1
where Vfl = flyback voltage = (Vout + VF, diode) * Np/Ns and Vspike is the over-voltage on the
collector due caused by leakage inductance. This over-voltage is not limited by any
clamping network in order to minimize as much as possible the solution cost using also the
very large margin available which has been fixed to 200 V. Np is the number of turns on the
primary side while Ns is the number of turns on the main output secondary winding.
Now, taking into account a 300 V margin, the maximum flyback voltage that can be chosen
is:
Equation 2
After the calculation of the flyback voltage, we can proceed with the next step in the
converter design. The turns ratio between primary and secondary side is calculated with the
following formula:
Equation 3
As a first approximation, since the turn-on of the device occurs immediately after the energy
stored on the primary side, inductance is completely transferred to the secondary side:
Equation 4
and
Equation 5
Where Tonmax is the maximum on time, Treset is the time needed to demagnetize the
transformer inductance and TS is the switching time. Combining the two previous formulas
Tonmax results in:
Equation 6
The next step is to calculate the peak current. The output power is set to 6 W and the
desired transformer efficiency must be set by the designer (at least 80% in this case).
Excluding the energy losses on the input diode bridge, on the power switch and on the
secondary side rectifier, the following approximate formula can be used:
V
off
V
inmax
V
fl
V
spike
=
V
fl
BV
V
inmax
V
spike
V
min
arg
1700
850
200
300
350V
=
=
=
N
p
N
s
-------
V
fl
V
out
V
F diode
,
+
-----------------------------------------
350
14
1
+
----------------
23.3
=
=
=
V
dcmin
T
onmax
V
fl
T
reset
=
T
onmax
T
reset
T
S
=
T
onmax
V
fl
T
S
V
dcmin
V
fl
+
-------------------------------
14
µs
=


Similar Part No. - AN2528

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN2528 FREESCALE-AN2528 Datasheet
654Kb / 28P
   Standard Space Vector Modulation TPU Function Set (svmStd)
AN2528D FREESCALE-AN2528D Datasheet
654Kb / 28P
   Standard Space Vector Modulation TPU Function Set (svmStd)
More results

Similar Description - AN2528

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2844 STMICROELECTRONICS-AN2844 Datasheet
1Mb / 37P
   15 W wide range SMPS for metering
STEVAL-ISA030V1 STMICROELECTRONICS-STEVAL-ISA030V1 Datasheet
93Kb / 4P
   6 W 3-phase SMPS for metering evaluation board
December 2007 Rev 1
STEVAL-ISA036V1 STMICROELECTRONICS-STEVAL-ISA036V1 Datasheet
155Kb / 4P
   5 W wide range SMPS demonstration board for metering and motor control based on the ESBT짰 STC04IE170HP
STEVAL-ISA071V1 STMICROELECTRONICS-STEVAL-ISA071V1 Datasheet
84Kb / 4P
   4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
   Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
   Wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
   Wide input voltage range
logo
Analog Devices
ADP5051 AD-ADP5051 Datasheet
2Mb / 28P
   Wide input voltage range
logo
STMicroelectronics
STEVAL-ISA118V1 STMICROELECTRONICS-STEVAL-ISA118V1 Datasheet
107Kb / 5P
   Offline converter for wide range input voltage
January 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com