Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3349 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3349
Description  eTPU assembly converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3349 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3349 Datasheet HTML 4Page - STMicroelectronics AN3349 Datasheet HTML 5Page - STMicroelectronics AN3349 Datasheet HTML 6Page - STMicroelectronics AN3349 Datasheet HTML 7Page - STMicroelectronics AN3349 Datasheet HTML 8Page - STMicroelectronics AN3349 Datasheet HTML 9Page - STMicroelectronics AN3349 Datasheet HTML 10Page - STMicroelectronics AN3349 Datasheet HTML 11Page - STMicroelectronics AN3349 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Converter options
AN3349
8/13
Doc ID 018511 Rev 2
3
Converter options
3.1
No warnings
When the -noWarn option is used warnings aren't reported. This option is useful when
converting many file and only the conversion errors are important. For more details about
warnings, see the Chapter 5: Limitations.
3.2
Preprocessing
When the -pp option is used the file is preprocessed before being converted. The
preprocessing is executed using the ccetpu compiler. In the preprocessing stage all the
macros are analyzed and replaced with their values. Only after preprocessing the file, its
conversion starts. This option is useful with c files that use macros in their inline assembly
sections. The converter will not recognize the macros without preprocessing the file first and
therefore the option is necessary in such cases.
Note:
Using this option will cause white space and new line modifications in the file. Spaces and
new lines might be added or removed during the preprocessing stage, and macros will be
replaced with their values, but the actual content of the file will not be modified.
When using this option, the input file is passed through the ccetpu C compiler. Therefore, it
has to follow eTPU c language rules, for example the file must end with a ".c" extension.
Example of the -pp option:
etpu_asm_converter.exe -pp -c c_input.c out.txt
3.3
Debug information
When the -debugE option is used debug information is printed in case of errors. This
information may be useful in order to find Byte Craft syntax errors. Note that this option was
created for development purposes and therefore in many cases the provided information will
probably not be clear or helpful.
This option is mostly useful in chan instruction.
For example:
etpu_asm_converter.exe -m -debugE
chan set flag2.
error in line 3: syntax error, unexpected FREE_TEXT,
expecting FLAG0 or FLAG1.
Table 3.
Preprocessing options
c_input.c
def.h
out.txt
#include "def.h"
#asm
MY_ALU c = REG_B+ VALUE.
MY_CHAN pdcm= sm_dt.
#endasm
#define MY_ALU
alu
#define REG_B
b
#define VALUE
3
#define MY_CHAN chan
#include "def.h"
asm{
addi c,b,3
chmode.sm_dt
}


Similar Part No. - AN3349

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN334 SILABS-AN334 Datasheet
1Mb / 44P
   ANSI C REFERENCE DESIGN WITH OPTIONAL NON-VOLATILE OUTPUT FREQUENCY
logo
STMicroelectronics
AN3340 STMICROELECTRONICS-AN3340 Datasheet
3Mb / 24P
   Loudspeaker characterization and compensation
logo
Panasonic Semiconductor
AN3341SC PANASONIC-AN3341SC Datasheet
52Kb / 4P
   6-Head VCR Recording/Playback Amplifier IC
logo
STMicroelectronics
AN3342 STMICROELECTRONICS-AN3342 Datasheet
1Mb / 39P
   Getting started with STM8TL5xxx
AN3348 STMICROELECTRONICS-AN3348 Datasheet
81Kb / 10P
   Porting eTPU code to eTPU compiler
More results

Similar Description - AN3349

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3348 STMICROELECTRONICS-AN3348 Datasheet
81Kb / 10P
   Porting eTPU code to eTPU compiler
AN3350 STMICROELECTRONICS-AN3350 Datasheet
1Mb / 185P
   eTPU compiler tools
AN2618 STMICROELECTRONICS-AN2618 Datasheet
309Kb / 23P
   eTPU host interface
AN2577 STMICROELECTRONICS-AN2577 Datasheet
287Kb / 34P
   Using the eTPU angle clock
logo
Motorola, Inc
ETPURM MOTOROLA-ETPURM Datasheet
9Mb / 346P
   Enhanced Time Processing Unit (eTPU)
logo
Freescale Semiconductor...
MCF523X FREESCALE-MCF523X Datasheet
1Mb / 44P
   DC Motor with Speed and Current Closed Loops, Driven by eTPU on
logo
Powerex Power Semicondu...
PP150T120-02 POWEREX-PP150T120-02 Datasheet
347Kb / 6P
   POW-R-PAK 150A / 1200V 3 ph IGBT converter assembly
logo
Solid States Devices, I...
PM0007 SSDI-PM0007 Datasheet
39Kb / 2P
   CONVERTER
PM0006 SSDI-PM0006 Datasheet
113Kb / 2P
   CONVERTER
logo
Pepperl+Fuchs Inc.
VAZ-R4-R2 PF-VAZ-R4-R2 Datasheet
141Kb / 1P
   Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com