Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3383 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3383
Description  The purpose of this application note is to describe:
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3383 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3383 Datasheet HTML 1Page - STMicroelectronics AN3383 Datasheet HTML 2Page - STMicroelectronics AN3383 Datasheet HTML 3Page - STMicroelectronics AN3383 Datasheet HTML 4Page - STMicroelectronics AN3383 Datasheet HTML 5Page - STMicroelectronics AN3383 Datasheet HTML 6Page - STMicroelectronics AN3383 Datasheet HTML 7Page - STMicroelectronics AN3383 Datasheet HTML 8Page - STMicroelectronics AN3383 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Functional description of the demonstration board
AN3383
4/29
Doc ID 018691 Rev 1
1
Functional description of the demonstration board
The following terms used in this application note are defined as follows:
THD+N vs. Freq: Total harmonic distortion plus noise versus frequency curve
THD+N vs. Pout: Total Harmonic Distortion (THD) plus noise versus output power
S/N ratio: Signal-to-noise ratio
FFT: Fast Fourier Transform Algorithm (method)
CT: Channel separation L to R, or R to L channel crosstalk
The equipment used includes the following:
Audio Precision (System 2700) by AP Co., USA)
DC power supply (4.5 V to 26 V)
Digital oscilloscope (TDS3034B by Tektronix)
PC (with APWorkbench GUI control software installed)
1.1
Connections
Power supply signal and interface connection
1.
Connect the positive voltage of 24V DC power supply to the +Vcc pin and negative to
GND.
2.
Connect the APWorkbench board to the J1 connector of the STA350BW demonstration
board.
3.
Connect the S/PDIF signal cable to the RCA jack on the APWLink board, connecting to
the signal source such as Audio precision or DVD player.
Note:
The voltage range of the DC power supply for VCC is 4.5 V to 26 V.
1.2
Output configuration
The STA350BW demo board is specifically configured in 2 BTL channels. For the software
setup, please refer to the APWUserManualR1.0.pdf.


Similar Part No. - AN3383

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3385 STMICROELECTRONICS-AN3385 Datasheet
827Kb / 15P
   This application note describes the STEVAL-CCA027V1 demonstration
AN3387 STMICROELECTRONICS-AN3387 Datasheet
950Kb / 12P
   This short document gives some practical indications
logo
Panasonic Semiconductor
AN3389SB PANASONIC-AN3389SB Datasheet
126Kb / 11P
   Recording/Playback Amplifier IC for 4-Head VCR
More results

Similar Description - AN3383

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3959 STMICROELECTRONICS-AN3959 Datasheet
4Mb / 65P
   The purpose of this application note is to describe
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
   The purpose of this document is to describe the design of the application
AN2776 STMICROELECTRONICS-AN2776 Datasheet
168Kb / 20P
   The purpose of this application note is to explain
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
   The purpose of this document is to describe the design of the application
UM1470 STMICROELECTRONICS-UM1470 Datasheet
937Kb / 19P
   The purpose of this document is to describe
UM1608 STMICROELECTRONICS-UM1608 Datasheet
634Kb / 9P
   The purpose of this document is to describe
AN2495 STMICROELECTRONICS-AN2495 Datasheet
812Kb / 36P
   The purpose of this application note is to explain the design
AN2394 STMICROELECTRONICS-AN2394 Datasheet
163Kb / 13P
   The purpose of this application note
AN4296 STMICROELECTRONICS-AN4296 Datasheet
1Mb / 25P
   The purpose of this application note is to give a presentation
AN303 STMICROELECTRONICS-AN303 Datasheet
170Kb / 13P
   The purpose of this note is to familiarize
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com