Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT7460B1A-EVB Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TAT7460B1A-EVB
Description  75 5V 50 2600 MHz RF Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT7460B1A-EVB Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TAT7460B1A-EVB Datasheet HTML 1Page - TriQuint Semiconductor TAT7460B1A-EVB Datasheet HTML 2Page - TriQuint Semiconductor TAT7460B1A-EVB Datasheet HTML 3Page - TriQuint Semiconductor TAT7460B1A-EVB Datasheet HTML 4Page - TriQuint Semiconductor TAT7460B1A-EVB Datasheet HTML 5Page - TriQuint Semiconductor TAT7460B1A-EVB Datasheet HTML 6Page - TriQuint Semiconductor TAT7460B1A-EVB Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAT7460B1A
75Ω 5V 50-2600 MHz RF Amplifier
Datasheet: Rev A 2/14/14
- 4 of 7 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Performance Plots – TAT7460B1A
Test conditions unless otherwise noted: VDD = +5 V, IDD = 90 mA
8
10
12
14
16
18
20
100
600
1100
1600
2100
2600
Frequency (MHz)
Gain
+85°C
+35°C
−40°C
-50
-40
-30
-20
-10
0
100
600
1100
1600
2100
2600
Frequency (MHz)
Input Return Loss
+85°C
+35°C
−40°C
-50
-40
-30
-20
-10
0
100
600
1100
1600
2100
2600
Frequency (MHz)
Output Return Loss
+85°C
+35°C
−40°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
100
400
700
1000
1300
1600
Frequency (MHz)
Noise Figure
+85°C
+25°C
−40°C


Similar Part No. - TAT7460B1A-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7460 TRIQUINT-TAT7460 Datasheet
596Kb / 8P
   75 5V 50 2600 MHz RF Amplifier
TAT7460-EVB TRIQUINT-TAT7460-EVB Datasheet
596Kb / 8P
   75 5V 50 2600 MHz RF Amplifier
TAT7460 TRIQUINT-TAT7460_15 Datasheet
596Kb / 8P
   75 5V 50 2600 MHz RF Amplifier
More results

Similar Description - TAT7460B1A-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7460 TRIQUINT-TAT7460_15 Datasheet
596Kb / 8P
   75 5V 50 2600 MHz RF Amplifier
logo
M/A-COM Technology Solu...
MAAM-011117 MA-COM-MAAM-011117 Datasheet
986Kb / 6P
   75??, 5V RF Amplifier
logo
TriQuint Semiconductor
TAT7461 TRIQUINT-TAT7461_15 Datasheet
499Kb / 7P
   75 Ohm RF Amplifier 50 1000 MHz
logo
Qorvo, Inc
TAT7427B QORVO-TAT7427B Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75 , 50-1200 MHz
logo
TriQuint Semiconductor
TAT7427B TRIQUINT-TAT7427B_15 Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75, 50-1200 MHz
TAT7427B TRIQUINT-TAT7427B Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75 廓, 50-1200 MHz
logo
M/A-COM Technology Solu...
A36-2 MA-COM-A36-2 Datasheet
635Kb / 3P
   Cascadable Amplifier 10 to 2600 MHz
logo
Tyco Electronics
PA38-2 MACOM-PA38-2 Datasheet
104Kb / 1P
   200 TO 2600 MHz CASCADABLE AMPLIFIER
A36-2 MACOM-A36-2 Datasheet
372Kb / 2P
   Cascadable Amplifier 100 to 2600 MHz
logo
M/A-COM Technology Solu...
SMA36-2 MA-COM-SMA36-2 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2600 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com