Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT7469-SC8-EB Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TAT7469-SC8-EB
Description  CATV 75 HEMT Dual RF Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT7469-SC8-EB Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TAT7469-SC8-EB Datasheet HTML 3Page - TriQuint Semiconductor TAT7469-SC8-EB Datasheet HTML 4Page - TriQuint Semiconductor TAT7469-SC8-EB Datasheet HTML 5Page - TriQuint Semiconductor TAT7469-SC8-EB Datasheet HTML 6Page - TriQuint Semiconductor TAT7469-SC8-EB Datasheet HTML 7Page - TriQuint Semiconductor TAT7469-SC8-EB Datasheet HTML 8Page - TriQuint Semiconductor TAT7469-SC8-EB Datasheet HTML 9Page - TriQuint Semiconductor TAT7469-SC8-EB Datasheet HTML 10Page - TriQuint Semiconductor TAT7469-SC8-EB Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TAT7469
CATV 75 Ω pHEMT Dual RF Amplifier
Datasheet: Rev I 6-11-14
- 7 of 11-
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Bill of Material − TAT7469-EVB
Reference Des.
Value Description
Manuf.
Part Number
U1
TAT7469 Amplifier, SOIC-8
TriQuint
TAT7469
C1, C2
470 pF
CAP, 0402, 10%, 50V, X7R
TDK
ECJ-0EB1H471K
C3, C4, C5, C6, C7, C8,
C11, C12, C13, C14, C17 0.01 uF
CAP, 0402, 10%, 16V, X7R
various
C9, C10
0.1 uF
CAP, 0603, 10%, 16V, X7R
various
C22
0.1 uF
CAP, 0603, 10%, 50V, X7R
various
R1, R2
2k
RES, 0402, 5%. 1/16W. CHIP
various
R3, R4
5.6 k Ω
RES, 0402, 5%. 1/16W. CHIP
various
R8
22Ω
RES, 0402, 5%. 1/16W. CHIP
various
R10
100 Ω
RES, 0402, 1%. 1/16W. CHIP
various
R11
0 Ω
Thick Film Res, 0402
various
L1
27uH
IND, 0805, 5%, 120mA, 11MHz
COILCRAFT
0805LS-273XJLB
L2, L9
880 nH
IND, 0805, ±5%, Gowanda
GOWANDA
CC0805-880J-2
L4, L8
12 nH
IND, 0402, 5%
COILCRAFT
0402CS-12NXJL
L5, L6
560 nH
IND, 0402, 5%
COILCRAFT
0402AF-561XJL
L7
900 nH
IND, 1008, 10% Ferrite Ind
COILCRAFT
1008AF-901XKL
J1
N/A
F-SIDE_GND Conn Precision edge launch LIGHTHORSE
LTI-FSF55MGT-P-10-A-X7
C15, C16, C18, C19,
C20, C21, R5, R6, R7
no load
0402, DNP
T1
1:1 75Ω
SMT balun CD542
MINICIRCUITS TC1-33-75G2+
PD
EPM705 Photo Diode
JDSU
X07051650-004R
PCB
Rev 1
TAT7469 Optical EVB
TRIQUINT
1098793
J2-3, J4-5, J6-7
n/a
Conn, 1x2, 0.1 inch RA
MOLEX
022-28-8021
TAT7469-EVB Evaluation Board
J1
R3
C1
C18
C21
C2
L8
L4
R4
C5
C19
C20
C6
R7
R11
T1
C
A
S
S
U1


Similar Part No. - TAT7469-SC8-EB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7460 TRIQUINT-TAT7460 Datasheet
596Kb / 8P
   75 5V 50 2600 MHz RF Amplifier
TAT7460-EVB TRIQUINT-TAT7460-EVB Datasheet
596Kb / 8P
   75 5V 50 2600 MHz RF Amplifier
TAT7460B1A TRIQUINT-TAT7460B1A Datasheet
603Kb / 7P
   75 5V 50 2600 MHz RF Amplifier
TAT7460B1A-EVB TRIQUINT-TAT7460B1A-EVB Datasheet
603Kb / 7P
   75 5V 50 2600 MHz RF Amplifier
TAT7460B1A TRIQUINT-TAT7460B1A_15 Datasheet
603Kb / 7P
   75 5V 50 2600 MHz RF Amplifier
More results

Similar Description - TAT7469-SC8-EB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7464 TRIQUINT-TAT7464_15 Datasheet
507Kb / 6P
   CATV 75 HEMT Dual RF Amplifier
TAT7430B TRIQUINT-TAT7430B_15 Datasheet
388Kb / 7P
   CATV 75 HEMT High Gain RF Amplifier
logo
Qorvo, Inc
TAT7467E1F QORVO-TAT7467E1F Datasheet
614Kb / 13P
   CATV 75 pHEMT Dual RF Amplifier
logo
TriQuint Semiconductor
QPB7464 TRIQUINT-QPB7464 Datasheet
1Mb / 11P
   CATV 75(ohm) pHEMT Dual RF Amplifier
TAT7457 TRIQUINT-TAT7457_15 Datasheet
839Kb / 10P
   75 HEMT Adjustable Gain RF Amplifier
logo
Qorvo, Inc
TAT7430B QORVO-TAT7430B Datasheet
378Kb / 7P
   CATV 75 pHEMT High Gain RF Amplifier
logo
TriQuint Semiconductor
TAT7430B TRIQUINT-TAT7430B Datasheet
388Kb / 7P
   CATV 75 廓 pHEMT High Gain RF Amplifier
logo
Qorvo, Inc
QPB7400 QORVO-QPB7400 Datasheet
962Kb / 13P
   CATV 75 Adjustable Low Gain (9??1dB) RF Amplifier
logo
TriQuint Semiconductor
TAT2801 TRIQUINT-TAT2801_15 Datasheet
663Kb / 10P
   75 CATV Output Stage Amplifier
TAT8801A1H TRIQUINT-TAT8801A1H_15 Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com