Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT8801A1H-PCB Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TAT8801A1H-PCB
Description  75 CATV Output Stage Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT8801A1H-PCB Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TAT8801A1H-PCB Datasheet HTML 1Page - TriQuint Semiconductor TAT8801A1H-PCB Datasheet HTML 2Page - TriQuint Semiconductor TAT8801A1H-PCB Datasheet HTML 3Page - TriQuint Semiconductor TAT8801A1H-PCB Datasheet HTML 4Page - TriQuint Semiconductor TAT8801A1H-PCB Datasheet HTML 5Page - TriQuint Semiconductor TAT8801A1H-PCB Datasheet HTML 6Page - TriQuint Semiconductor TAT8801A1H-PCB Datasheet HTML 7Page - TriQuint Semiconductor TAT8801A1H-PCB Datasheet HTML 8Page - TriQuint Semiconductor TAT8801A1H-PCB Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TAT8801A1H
75 Ω CATV Output Stage Amplifier
Datasheet: Rev. D 04-29-14
- 1 of 10 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
16-pin SOIC Wide Body Package
with backside ground paddle
Applications
CATV Line Amplifiers
HFC Nodes
Head End Equipment
Ordering Information
Part No.
Description
TAT8801A1H
CATV Output Stage Amplifier
TAT8801A1H-PCB 40 – 1000 MHz Evaluation Board
Standard T/R size = 1000 pieces on a 7” reel
Functional Block Diagram
1
VG2 ADJ
IDD ADJ
1
2
3
4
5
6
7
8
IADJ
Product Features
Wide Bandwidth (40 MHz – 1 GHz)
100% production tested for 80 Ch. NTSC.
Low Distortion Variation Over Temperature and
Production Lots
In-package ESD Protection
Flat Gain
High Power Compression
Excellent Input / Output Match
Low DC Power Consumption
Bias Optimization Through External Voltage
General Description
The TAT8801A1H is a high power, high linearity GaAs
MMIC amplifier intended for output stage amplification in
CATV infrastructure applications. Featuring a single die
design and providing flat gain with low distortion, this
amplifier is ideal for use in CATV distribution systems
requiring high output powers and low distortion.
The TAT8801A1H draws 585 mA from a +12 V supply
Bias current and voltage may be adjusted externally to
optimize output performance for specific applications.
The TAT8801A1H integrates two TQP200002 ESD
protection devices that provide bi-directional protection
with very low leakage currents and extremely low
capacitance. A common mode tuning element within the
package allows for improved second order distortion
performance.
The TAT8801A1H is packaged in an industry standard
16 pin SOIC WB package.
Pin Configuration
Pin No.
Label
1, 5, 8-9, 12-13, 16
N/C
4
SP TUNE
2
VG2 ADJ
3 / 6
RFIN1 / RFIN2
7
IDD ADJ
10
VDD
11 / 14
RFOUT2 / RFOUT1
15
VDD


Similar Part No. - TAT8801A1H-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT8804D1H TRIQUINT-TAT8804D1H Datasheet
483Kb / 12P
   21 dB CATV 12V Power Doubler
TAT8804D1H-EB TRIQUINT-TAT8804D1H-EB Datasheet
483Kb / 12P
   21 dB CATV 12V Power Doubler
TAT8804D1H-EBP TRIQUINT-TAT8804D1H-EBP Datasheet
483Kb / 12P
   21 dB CATV 12V Power Doubler
TAT8804D1H TRIQUINT-TAT8804D1H_15 Datasheet
483Kb / 12P
   21 dB CATV 12V Power Doubler
More results

Similar Description - TAT8801A1H-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT2801 TRIQUINT-TAT2801_15 Datasheet
663Kb / 10P
   75 CATV Output Stage Amplifier
TAT7464 TRIQUINT-TAT7464_15 Datasheet
507Kb / 6P
   CATV 75 HEMT Dual RF Amplifier
logo
Qorvo, Inc
QPB8858 QORVO-QPB8858 Datasheet
1Mb / 13P
   75 34dB CATV Amplifier 47 ??1218MHz
QPL1811 QORVO-QPL1811 Datasheet
1Mb / 11P
   75廓 CATV Amplifier 50 ??1800MHz
QPL1815 QORVO-QPL1815 Datasheet
1Mb / 10P
   75廓 CATV Amplifier 50 ??1800MHz
Oct 21 , 2020
QPA4425 QORVO-QPA4425 Datasheet
2Mb / 15P
   75 25dB CATV Amplifier 47 ??1218MHz
TAT7467E1F QORVO-TAT7467E1F Datasheet
614Kb / 13P
   CATV 75 pHEMT Dual RF Amplifier
logo
TriQuint Semiconductor
TAT7469 TRIQUINT-TAT7469_15 Datasheet
484Kb / 11P
   CATV 75 HEMT Dual RF Amplifier
QPB7464 TRIQUINT-QPB7464 Datasheet
1Mb / 11P
   CATV 75(ohm) pHEMT Dual RF Amplifier
logo
Qorvo, Inc
TAT7430B QORVO-TAT7430B Datasheet
378Kb / 7P
   CATV 75 pHEMT High Gain RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com