Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT8858A1H Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TAT8858A1H
Description  CATV Infrastructure Push-Pull Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT8858A1H Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TAT8858A1H_15 Datasheet HTML 1Page - TriQuint Semiconductor TAT8858A1H_15 Datasheet HTML 2Page - TriQuint Semiconductor TAT8858A1H_15 Datasheet HTML 3Page - TriQuint Semiconductor TAT8858A1H_15 Datasheet HTML 4Page - TriQuint Semiconductor TAT8858A1H_15 Datasheet HTML 5Page - TriQuint Semiconductor TAT8858A1H_15 Datasheet HTML 6Page - TriQuint Semiconductor TAT8858A1H_15 Datasheet HTML 7Page - TriQuint Semiconductor TAT8858A1H_15 Datasheet HTML 8Page - TriQuint Semiconductor TAT8858A1H_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TAT8858A1H
CATV Infrastructure Push-Pull Amplifier
Data Sheet: Rev C 10/21/13
- 5 of 25 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Performance Plots – TAT8858A1H-PCB 24V
Test conditions unless otherwise noted: VCC=+24 V, IDD = 270 mA, TCASE = +25
°C, 75 Ω system
25
27
29
31
33
35
37
0
200
400
600
800
1000
1200
Frequency (MHz)
Gain vs. Frequency
+85°C
+25°C
−20°C
-40
-35
-30
-25
-20
-15
-10
-5
0
200
400
600
800
1000
1200
Frequency (MHz)
Input Return Loss vs. Frequency
+85°C
+25°C
−20°C
-35
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
1200
Frequency (MHz)
Output Return Loss vs. Frequency
+85°C
+25°C
−20°C
20
22
24
26
28
30
32
0
200
400
600
800
1000
1200
Frequency (MHz)
P1dB vs. Frequency
+85°C
+25°C
−20°C
0
1
2
3
4
5
0
200
400
600
800
1000
1200
Frequency (MHz)
Noise Figure vs. Frequency
+85°C
+25°C
−20°C
55
60
65
70
75
80
85
0
100
200
300
400
500
600
Frequency (MHz)
CIN vs. Frequency
+85°C
+25°C
−20°C
-90
-85
-80
-75
-70
-65
-60
0
100
200
300
400
500
600
Frequency (MHz)
CTB vs. Frequency
+85°C
+25°C
−20°C
-90
-85
-80
-75
-70
-65
-60
0
100
200
300
400
500
600
Frequency (MHz)
CSO vs. Frequency
+85°C
+25°C
−20°C
-85
-80
-75
-70
-65
-60
-55
-50
0
100
200
300
400
500
600
Frequency (MHz)
XMOD vs. Frequency
+85°C
+25°C
−20°C


Similar Part No. - TAT8858A1H_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAT8853 ETC2-TAT8853 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
TAT8854 ETC2-TAT8854 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
TAT8855 ETC2-TAT8855 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
TAT8856 ETC2-TAT8856 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
logo
TriQuint Semiconductor
TAT8857 TRIQUINT-TAT8857 Datasheet
539Kb / 8P
   CATV Doubler ??Hybrid RFIC
More results

Similar Description - TAT8858A1H_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010144 MA-COM-MAAM-010144_15 Datasheet
875Kb / 7P
   Push Pull CATV Amplifier
MAAM-011177 MA-COM-MAAM-011177 Datasheet
1Mb / 15P
   Push-Pull CATV Amplifier
MAAMSS0044 MA-COM-MAAMSS0044_15 Datasheet
870Kb / 6P
   Push Pull CATV Amplifier
MAAMSS0044 MA-COM-MAAMSS0044 Datasheet
210Kb / 5P
   Push Pull CATV Amplifier
MAAM-010144 MA-COM-MAAM-010144 Datasheet
235Kb / 6P
   Push Pull CATV Amplifier
logo
List of Unclassifed Man...
AG606 ETC1-AG606 Datasheet
503Kb / 6P
   Push-Pull CATV Amplifier
logo
WJ Communication. Inc.
AG606 WJCI-AG606 Datasheet
340Kb / 5P
   Push-Pull CATV Amplifier
logo
Qorvo, Inc
AG606 QORVO-AG606 Datasheet
325Kb / 5P
   Push-Pull CATV Amplifier
logo
M/A-COM Technology Solu...
MAAM-009455 MA-COM-MAAM-009455 Datasheet
285Kb / 6P
   Push Pull CATV Amplifier
MAAM-009455 MA-COM-MAAM-009455_15 Datasheet
925Kb / 7P
   Push Pull CATV Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com