Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT8858A1H Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TAT8858A1H
Description  CATV Infrastructure Push-Pull Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT8858A1H Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TAT8858A1H Datasheet HTML 1Page - TriQuint Semiconductor TAT8858A1H Datasheet HTML 2Page - TriQuint Semiconductor TAT8858A1H Datasheet HTML 3Page - TriQuint Semiconductor TAT8858A1H Datasheet HTML 4Page - TriQuint Semiconductor TAT8858A1H Datasheet HTML 5Page - TriQuint Semiconductor TAT8858A1H Datasheet HTML 6Page - TriQuint Semiconductor TAT8858A1H Datasheet HTML 7Page - TriQuint Semiconductor TAT8858A1H Datasheet HTML 8Page - TriQuint Semiconductor TAT8858A1H Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TAT8858A1H
CATV Infrastructure Push-Pull Amplifier
Data Sheet: Rev C 10/21/13
- 4 of 25 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Bill of Material – TAT8858A1H-PCB 24V
Reference Des.
Value
Description
Manuf.
Part Number
n/a
n/a
Printed Circuit Board
TriQuint
U1
n/a
SOIC16W IC
TriQuint
TAT8858
T1
n/a
TX Line Transformer, 3rd winding, 1:1
Macom
MABA-008483-CT1760
T2
n/a
TX Line Transformer, Special, 2:1
Macom
MABA-007681-CT2010
Mini-Circuits
TRS2-1T-1+
C30, C31
2.2 pF
CAP 0402, ± 0.1pF, 50V, NPO/COG
TDK
C1005C0G1H2R2B
C15, C16
4.7pF
CAP 0402, ± 0.1pF, 50V, NPO/COG
Murata
GRM1555C1H4R7BZ01D
C3, C4, C7, C8, C11,
C12, C22
0.01 uF
CAP 0402, 10%, 50V, X7R
various
C13, C14
330 pF
CAP 0402, 10%, 50V, X7R
Panasonic
ECJ-0EB1H331K
C9, C10, C2
470 pF
CAP 0402, 5%, 50V, NPO/COG
TDK
CGA2B2C0G1H471J
C24, C25
0.01 uF
CAP 0603, 10%, 50V, X7R
AVX
06035C103KAT2A
Cin
0.2 pF
CAP 0402, ± 0.05pF, 25V
AVX
04023J0R2ABWTR
L11, L12
470 nH
IND 0402, 5%
CoilCraft
0402AF-471XJLU
L9, L10
12 nH
IND 0402, 5%
CoilCraft
0402CS-12NXJLW
L5, L6
16 nH
IND 0402, 5%
CoilCraft
0402CS-18NXJLW
L30
1.0 nH
IND 0402, 5%
CoilCraft
0402CS-1N0XJLW
L17, L18
2.2 nH
IND 0402, 5%
CoilCraft
0402CS-2N2XJLW
L20
900 nH
IND 1008, 10%
CoilCraft
1008AF-901XKLC
L13, L14
43 nH
IND 0402, 5%
CoilCraft
0402CS-43NXJLW
L7, L8, L19
600 Ω
RES 0402, 300mA bead
Murata
BLM15AG601SN1
R7, R8
36.0 Ω
RES 0402, 1%, 50V, 1/10W
various
R1, R2
20.0 kΩ
RES 0402, 1%, 50V, 1/10W
various
R3, R4
360 Ω
RES 0402, 1%, 50V, 1/10W
various
R18
2.70 kΩ
RES 0603, 1%, 75V, 1/10W
various
R19
2.00 kΩ
RES 0603, 1%, 75V, 1/10W
various
R5
8.06 kΩ
RES 0402, 1%, 50V, 1/10W
various
R6
18.2 kΩ
RES 0402, 1%, 50V, 1/10W
various
R9, R10
200 Ω
RES 0402, 1%, 50V, 1/16W
various
Ra, Rb
15.0 Ω
RES 0402, 1%, 50V, 1/10W
various
R13, R14
2.40 kΩ
RES 0402, 1%, 50V, 1/10W
various
R11, R12
33.0 Ω
RES 0402, 1%, 50V, 1/16W
various
R20, R21
24.0 Ω
RES 0402, 1%, 50V, 1/16W
various
R30, R31
12.0 Ω
RES 1206, 1%, 200V, 1/4W
various


Similar Part No. - TAT8858A1H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAT8853 ETC2-TAT8853 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
TAT8854 ETC2-TAT8854 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
TAT8855 ETC2-TAT8855 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
TAT8856 ETC2-TAT8856 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
logo
TriQuint Semiconductor
TAT8857 TRIQUINT-TAT8857 Datasheet
539Kb / 8P
   CATV Doubler ??Hybrid RFIC
More results

Similar Description - TAT8858A1H

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010144 MA-COM-MAAM-010144_15 Datasheet
875Kb / 7P
   Push Pull CATV Amplifier
MAAM-011177 MA-COM-MAAM-011177 Datasheet
1Mb / 15P
   Push-Pull CATV Amplifier
MAAMSS0044 MA-COM-MAAMSS0044_15 Datasheet
870Kb / 6P
   Push Pull CATV Amplifier
MAAMSS0044 MA-COM-MAAMSS0044 Datasheet
210Kb / 5P
   Push Pull CATV Amplifier
MAAM-010144 MA-COM-MAAM-010144 Datasheet
235Kb / 6P
   Push Pull CATV Amplifier
logo
List of Unclassifed Man...
AG606 ETC1-AG606 Datasheet
503Kb / 6P
   Push-Pull CATV Amplifier
logo
WJ Communication. Inc.
AG606 WJCI-AG606 Datasheet
340Kb / 5P
   Push-Pull CATV Amplifier
logo
Qorvo, Inc
AG606 QORVO-AG606 Datasheet
325Kb / 5P
   Push-Pull CATV Amplifier
logo
M/A-COM Technology Solu...
MAAM-009455 MA-COM-MAAM-009455 Datasheet
285Kb / 6P
   Push Pull CATV Amplifier
MAAM-009455 MA-COM-MAAM-009455_15 Datasheet
925Kb / 7P
   Push Pull CATV Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com