Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA1073B-SCC Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGA1073B-SCC
Description  27 32 GHz 0.7 Watt Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA1073B-SCC Datasheet(HTML) 6 Page - TriQuint Semiconductor

  TGA1073B-SCC Datasheet HTML 1Page - TriQuint Semiconductor TGA1073B-SCC Datasheet HTML 2Page - TriQuint Semiconductor TGA1073B-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGA1073B-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGA1073B-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGA1073B-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGA1073B-SCC Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TriQuint Semiconductor Texas : Phone (972)994-8465 Fax (972)994 8504 Web: www.triquint.com
Product Datasheet
6
Chip Assembly and Bonding Diagram
Recommended:
Solder MMIC to carrier using AuSn 80/20
Bond MMIC RF in and RF out with 5mil Au ribbon
Ribbon should be as short as possible
Bond DC Lines as shown with 1 mil bondwires
0.01uF
0.01uF
100pF
100pF
TGA1073B-SCC
Vg
Vd
RF in
RF out


Similar Part No. - TGA1073B-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073B-SCC TRIQUINT-TGA1073B-SCC Datasheet
437Kb / 7P
   27- 32 GHz 0.7 Watt Power Amplifier
More results

Similar Description - TGA1073B-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073B-SCC TRIQUINT-TGA1073B-SCC Datasheet
437Kb / 7P
   27- 32 GHz 0.7 Watt Power Amplifier
TGA1082B TRIQUINT-TGA1082B Datasheet
405Kb / 3P
   27- 32 GHz 1.5 Watt Power Amplifier
TGA1172 TRIQUINT-TGA1172 Datasheet
768Kb / 4P
   27 - 32 GHz 1W Power Amplifier
TGA1172-SCC TRIQUINT-TGA1172-SCC Datasheet
329Kb / 8P
   27 - 32 GHz 1W Power Amplifier
logo
Fairchild Semiconductor
RMPA29000 FAIRCHILD-RMPA29000 Datasheet
293Kb / 10P
   27-30 GHZ 1 Watt Power Amplifier MMIC
RMPA27000 FAIRCHILD-RMPA27000 Datasheet
248Kb / 9P
   27-29 GHZ 1.8 Watt Power Amplifier MMIC
logo
Qorvo, Inc
QPA2210D QORVO-QPA2210D Datasheet
615Kb / 22P
   27 ??31 GHz 7 Watt GaN Power Amplifier
logo
Analog Devices
HMC1132PM5E AD-HMC1132PM5E Datasheet
349Kb / 17P
   27 GHz to 32 GHz, GaAs, pHEMT, MMIC Power Amplifier
logo
Qorvo, Inc
QPA2575 QORVO-QPA2575 Datasheet
1Mb / 16P
   32 ??38 GHz 3 Watt Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6430 AVAGO-AMMP-6430 Datasheet
895Kb / 11P
   27-32 GHz 0.5W Power Amplifier in SMT Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com