Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA1073C-SCC Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA1073C-SCC
Description  36 40 GHz Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA1073C-SCC Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA1073C-SCC_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA1073C-SCC_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA1073C-SCC_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA1073C-SCC_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA1073C-SCC_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA1073C-SCC_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TriQuint Semiconductor Texas : (972)994 8465
Fax (972)994 8504 Web: www.triquint.com
Product Data Sheet
July 1, 2002
5
Chip Assembly and Bonding Diagram
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
1
µF Cap on
Supply Line
100pF
0.01
µF
100pF
100pF
V
G
V
D
RF In
RF Out
0.01
µF
100pF
1
µF Cap on
Supply Line
TGA1073C-SCC


Similar Part No. - TGA1073C-SCC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073C-SCC TRIQUINT-TGA1073C-SCC Datasheet
852Kb / 6P
   36 - 40 GHz Power Amplifier
More results

Similar Description - TGA1073C-SCC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1071 TRIQUINT-TGA1071 Datasheet
307Kb / 5P
   36 - 40 GHz Power Amplifier
TGA1073C TRIQUINT-TGA1073C Datasheet
852Kb / 6P
   36 - 40 GHz Power Amplifier
TGA1171-SCC TRIQUINT-TGA1171-SCC Datasheet
889Kb / 9P
   36 to 40 GHz 1W Power Amplifier
TGA1171-SCC TRIQUINT-TGA1171-SCC_15 Datasheet
891Kb / 9P
   36 to 40 GHz 1W Power Amplifier
logo
Hittite Microwave Corpo...
HMC282 HITTITE-HMC282 Datasheet
109Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz
HMC282 HITTITE-HMC282_00 Datasheet
153Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 36 - 40 GHz
logo
Teledyne Technologies I...
CMA-40-1808 TELEDYNE-CMA-40-1808 Datasheet
889Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CMA-40-2606 TELEDYNE-CMA-40-2606 Datasheet
892Kb / 2P
   Power Amplifier 26 GHz - 40 GHz
TMA-40-1808 TELEDYNE-TMA-40-1808 Datasheet
885Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CMA-40-1812 TELEDYNE-CMA-40-1812 Datasheet
892Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com